Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47048 Datasheet(PDF) 22 Page - Cirrus Logic

Part # CS47048
Description  Audio SOC Processor Family
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47048 Datasheet(HTML) 22 Page - Cirrus Logic

Back Button CS47048 Datasheet HTML 18Page - Cirrus Logic CS47048 Datasheet HTML 19Page - Cirrus Logic CS47048 Datasheet HTML 20Page - Cirrus Logic CS47048 Datasheet HTML 21Page - Cirrus Logic CS47048 Datasheet HTML 22Page - Cirrus Logic CS47048 Datasheet HTML 23Page - Cirrus Logic CS47048 Datasheet HTML 24Page - Cirrus Logic CS47048 Datasheet HTML 25Page - Cirrus Logic CS47048 Datasheet HTML 26Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 34 page
background image
CS47048 Data Sheet
Audio SOC Processor Family
22
Copyright 2008 Cirrus Logic
DS787A7
5.14 Digital Switching Characteristics — Digital Audio Output Port
Figure 9. Digital Audio Output Port Timing, Master Mode
Parameter
Symbol
Min
Max
Unit
DAO_MCLK period
Tdaomclk
20
-
ns
DAO_MCLK duty cycle
-
45
55
%
DAO_SCLK period for Master or Slave mode1
1. Master mode timing specifications are characterized, not production tested.
Tdaosclk
20
-
ns
DAO_SCLK duty cycle for Master or Slave mode1
-40
60
%
Master Mode (Output A1 Mode)1,2
2. Master mode is defined as the CS47048 driving both DAO_SCLK, DAO_LRCLK. When MCLK is an input, it
is divided to produce DAO_SCLK, DAO_LRCLK.
DAO_SCLK delay from DAO_MCLK rising edge,
DAO_MCLK as an input
tdaomsck
-19
ns
DAO_LRCLK to DAO_SCLK non-active edge3, See Figure 9A.
3. The DAO_LRCLK transition may occur on either side of the non-active edge of DAO_LRCLK. The active edge
of DAO_SCLK is the point at which the data is valid.
tdaomlrts
-8
ns
DAO_SCLK non-active edge3 to DAO_LRCLK, See Figure 9B
tdaomstlr
-8
ns
DAO_DATA[3..0] delay from DAO_SCLK non-active edge3
tdaomdv
-8
ns
Slave Mode (Output A0 Mode)4
4. Slave mode is defined as DAO_SCLK, DAO_LRCLK driven by an external source.
DAO_LRCLK to DAO_SCLK non-active edge3, See Figure 10A.
tdaoslrts
-15
ns
DAO_SCLK non-active edge3 to DAO_LRCLK, See Figure 10B.
.
tdaosstlr
-30
ns
DAO1_DATA[3..0] delay from DAO_SCLK non-active edge3
tdaosdv
-8
ns
DAO_MCLK
DAO_SCLK
DAO_LRCLK
DAO_DATAn
tdaomsck
tdaomlrts
tdaomdv
tdaomclk
DAO_MCLK
DAO_SCLK
DAO_LRCLK
DAO_DATAn
tdaomclk
tdaomstlr
tdaomdv
tdaomsck
A. DAO_LRCLK transition before DAO_SCLK non-active
edge. See Footnote 3 on page 22.
B. DAO_LRCLK transition after DAO_SCLK non-active
edge. See Footnote 3 on page 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com