Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS47048 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS47048
Description  Audio SOC Processor Family
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS47048 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS47048 Datasheet HTML 25Page - Cirrus Logic CS47048 Datasheet HTML 26Page - Cirrus Logic CS47048 Datasheet HTML 27Page - Cirrus Logic CS47048 Datasheet HTML 28Page - Cirrus Logic CS47048 Datasheet HTML 29Page - Cirrus Logic CS47048 Datasheet HTML 30Page - Cirrus Logic CS47048 Datasheet HTML 31Page - Cirrus Logic CS47048 Datasheet HTML 32Page - Cirrus Logic CS47048 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
CS47048 Data Sheet
Audio SOC Processor Family
DS787A7
Copyright 2008 Cirrus Logic
29
Figure 14. DAC Differential Output Test Circuit
Figure 15. Maximum Loading
5.17.3 Combined DAC Interpolation & On-chip Analog Filter Response
Parameter
Min
Typ
Max
Unit
Passband (Frequency Response)
to 0.22 dB corner
to -3 dB corner
0
0
-
-
0.4125
0.4979
Fs
Fs
Frequency Response 10 Hz to 20 kHz
-0.02
-
+0.02
dB
StopBand
0.5465
-
-
Fs
StopBand Attenuation
100
-
-
dB
Group Delay
-
10/Fs
-
s
N output: RL = 4.87k + ( [2
πF*1800-12 ]-1|| ((2.43k + [2πF*470-12 ]-1 ) || 4.87k ))
AOUT
AOUT_x+
AOUT_x-
1.96k
CL
4700pF
1200pF
22µF
+
953
4.87k
2.43k
-
+
560
1800pF
470pF
4.87k
22µF
P output: RL = 1.96k + ( [2
πF*4700-12 ]-1|| (1.96k + [2πF*22-6 ]-1 ) || (953 + [2πF*1200-12 ]-1 ))
CL
10k
100
50
75
25
2.5
510
15
Safe Operating
Region
Resistive Load -- R
(k
Ω )
L
125
3
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com