Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTUM Datasheet(PDF) 67 Page - ATMEL Corporation

Part # AT89C51RD2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTUM Datasheet(HTML) 67 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTUM Datasheet HTML 63Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 64Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 65Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 66Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 67Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 68Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 69Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 70Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 71Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 137 page
background image
67
4235K–8051–05/08
AT89C51RD2/ED2
Figure 16-4. Data Transmission Format (CPHA = 0)
Figure 16-5. Data Transmission Format (CPHA = 1)
Figure 16-6. CPHA/SS Timing
As shown in Figure 16-4, the first SCK edge is the MSB capture strobe. Therefore, the Slave
must begin driving its data before the first SCK edge, and a falling edge on the SS pin is used to
start the transmission. The SS pin must be toggled high and then low between each Byte trans-
mitted (Figure 16-6).
Figure 16-5 shows an SPI transmission in which CPHA is ’1’. In this case, the Master begins
driving its MOSI pin on the first SCK edge. Therefore, the Slave uses the first SCK edge as a
start transmission signal. The SS pin can remain low between transmissions (Figure 16-6). This
format may be preferred in systems having only one Master and only one Slave driving the
MISO data line.
16.3.3
Error Conditions
The following flags in the SPSTA signal SPI error conditions:
MSB
bit6
bit5
bit4
bit3
bit2
bit1
LSB
bit6
bit5
bit4
bit3
bit2
bit1
MSB
LSB
1
3
2
4
5
6
7
8
Capture Point
SS (to Slave)
MISO (from Slave)
MOSI (from Master)
SCK (CPOL = 1)
SCK (CPOL = 0)
SPEN (Internal)
SCK Cycle Number
MSB
bit6
bit5
bit4
bit3
bit2
bit1
LSB
bit6
bit5
bit4
bit3
bit2
bit1
MSB
LSB
1
3
2
4
5
6
7
8
Capture Point
SS (to Slave)
MISO (from Slave)
MOSI (from Master)
SCK (CPOL = 1)
SCK (CPOL = 0)
SPEN (Internal)
SCK Cycle Number
Byte 1
Byte 2
Byte 3
MISO/MOSI
Master SS
Slave SS
(CPHA = 1)
Slave SS
(CPHA = 0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com