Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTUM Datasheet(PDF) 18 Page - ATMEL Corporation

Part # AT89C51RD2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTUM Datasheet(HTML) 18 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTUM Datasheet HTML 14Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 15Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 16Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 17Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 18Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 19Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 20Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 21Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 22Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 137 page
background image
18
4235K–8051–05/08
AT89C51RD2/ED2
Figure 7-1.
Clock Generation Diagram
Figure 7-2.
Mode Switching Waveforms
The X2 bit in the CKCON0 register (see Table 7-1) allows a switch from 12 clock periods per
instruction to 6 clock periods and vice versa. At reset, the speed is set according to X2 bit of
Hardware Security Byte (HSB). By default, Standard mode is active. Setting the X2 bit activates
the X2 feature (X2 mode).
The T0X2, T1X2, T2X2, UartX2, PcaX2, and WdX2 bits in the CKCON0 register (Table 7-1) and
SPIX2 bit in the CKCON1 register (see Table 7-2) allows a switch from standard peripheral
speed (12 clock periods per peripheral clock cycle) to fast peripheral speed (6 clock periods per
peripheral clock cycle). These bits are active only in X2 mode.
Table 7-1.
CKCON0 Register
CKCON0 - Clock Control Register (8Fh)
XTAL1
2
CKCON0
X2
8-bit Prescaler
F
OSC
FXTAL
0
1
XTAL1:2
F
CLK CPU
F
CLK PERIPH
CKRL
XTAL1:2
XTAL1
CPU Clock
X2 Bit
X2 Mode
STD Mode
STD Mode
F
OSC
7
6
5
4
3
2
1
0
-
WDX2
PCAX2
SIX2
T2X2
T1X2
T0X2
X2
Bit
Number
Bit
Mnemonic
Description
7
Reserved
The values for this bit are indeterminite. Do not set this bit.
6
WDX2
Watchdog Clock
(This control bit is validated when the CPU clock X2 is set; when X2 is low, this bit has no
effect).
Cleared to select 6 clock periods per peripheral clock cycle.
Set to select 12 clock periods per peripheral clock cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com