Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTUM Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AT89C51RD2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTUM Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTUM Datasheet HTML 48Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 49Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 50Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 51Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 52Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 53Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 54Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 55Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 137 page
background image
52
4235K–8051–05/08
AT89C51RD2/ED2
Table 14-3.
Baud Rate Selection Table UART
14.4.1
Internal Baud Rate Generator (BRG)
When the internal Baud Rate Generator is used, the Baud Rates are determined by the BRG
overflow depending on the BRL reload value, the value of SPD bit (Speed Mode) in BDRCON
register and the value of the SMOD1 bit in PCON register.
Figure 14-5. Internal Baud Rate
• The baud rate for UART is token by formula:
TCLK
(T2CON)
RCLK
(T2CON)
TBCK
(BDRCON)
RBCK
(BDRCON)
Clock Source
UART Tx
Clock Source
UART Rx
0
0
0
0
Timer 1
Timer 1
1
0
0
0
Timer 2
Timer 1
0
1
0
0
Timer 1
Timer 2
1
1
0
0
Timer 2
Timer 2
X
0
1
0
INT_BRG
Timer 1
X
1
1
0
INT_BRG
Timer 2
0
X
0
1
Timer 1
INT_BRG
1
X
0
1
Timer 2
INT_BRG
X
X
1
1
INT_BRG
INT_BRG
0
1
Overflow
SPD
BDRCON.1
BRG
(8 bits)
BRL
(8 bits)
F
Clk Periph
÷
6
BRR
BDRCON.4
0
1
SMOD1
PCON.7
÷
2
INT_BRG
Baud_Rate =
6(1-SPD) ⋅ 32 ⋅ (256 -BRL)
2SMOD1 ⋅ F
PER
BRL = 256 -
6(1-SPD) ⋅ 32 ⋅ Baud_Rate
2SMOD1 ⋅ F
PER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com