Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTUM Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89C51RD2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTUM Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89C51RD2-RDTUM Datasheet HTML 1Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 2Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 3Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 4Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 5Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 6Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 7Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 8Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 137 page
background image
Features
• 80C52 Compatible
– 8051 Instruction Compatible
– Six 8-bit I/O Ports (64 Pins or 68 Pins Versions)
– Four 8-bit I/O Ports (44 Pins Version)
– Three 16-bit Timer/Counters
– 256 Bytes Scratch Pad RAM
– 9 Interrupt Sources with 4 Priority Levels
• Integrated Power Monitor (POR/PFD) to Supervise Internal Power Supply
• ISP (In-System Programming) Using Standard V
CC Power Supply
• 2048 Bytes Boot ROM Contains Low Level Flash Programming Routines and a Default
Serial Loader
• High-speed Architecture
– In Standard Mode:
• 40 MHz (Vcc 2.7V to 5.5V, both Internal and external code execution)
• 60 MHz (Vcc 4.5V to 5.5V and Internal Code execution only)
– In X2 mode (6 Clocks/machine cycle)
• 20 MHz (Vcc 2.7V to 5.5V, both Internal and external code execution)
• 30 MHz (Vcc 4.5V to 5.5V and Internal Code execution only)
• 64K Bytes On-chip Flash Program/Data Memory
– Byte and Page (128 Bytes) Erase and Write
– 100k Write Cycles
• On-chip 1792 bytes Expanded RAM (XRAM)
– Software Selectable Size (0, 256, 512, 768, 1024, 1792 Bytes)
– 768 Bytes Selected at Reset for T89C51RD2 Compatibility
• On-chip 2048 Bytes EEPROM Block for Data Storage (AT89C51ED2 Only)
• 100K Write Cycles
• Dual Data Pointer
• Variable Length MOVX for Slow RAM/Peripherals
• Improved X2 Mode with Independent Selection for CPU and Each Peripheral
• Keyboard Interrupt Interface on Port 1
• SPI Interface (Master/Slave Mode)
• 8-bit Clock Prescaler
• 16-bit Programmable Counter Array
– High Speed Output
– Compare/Capture
– Pulse Width Modulator
– Watchdog Timer Capabilities
• Asynchronous Port Reset
• Full-duplex Enhanced UART with Dedicated Internal Baud Rate Generator
• Low EMI (Inhibit ALE)
• Hardware Watchdog Timer (One-time Enabled with Reset-Out), Power-off Flag
• Power Control Modes: Idle Mode, Power-down Mode
• Single Range Power Supply: 2.7V to 5.5V
• Industrial Temperature Range (-40 to +85°C)
• Packages: PLCC44, VQFP44, PLCC68, VQFP64
8-bit Flash
Microcontroller
AT89C51RD2
AT89C51ED2


Similar Part No. - AT89C51RD2-RDTUM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51RD2-RDTIM ATMEL-AT89C51RD2-RDTIM Datasheet
1Mb / 24P
8-bit Flash Microcontroller
AT89C51RD2-RDTIM ATMEL-AT89C51RD2-RDTIM Datasheet
1Mb / 137P
8-bit Flash Microcontroller
More results

Similar Description - AT89C51RD2-RDTUM

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89C51ED2 ATMEL-AT89C51ED2 Datasheet
1Mb / 24P
8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2 Datasheet
1Mb / 157P
8-bit Flash Microcontroller
AT89C51ED2 ATMEL-AT89C51ED2 Datasheet
1Mb / 24P
FLASH 8-bit C51 Microcontroller
AT89C51RD2 ATMEL-AT89C51RD2 Datasheet
1Mb / 137P
8-bit Flash Microcontroller
logo
Microchip Technology
PIC12F510 MICROCHIP-PIC12F510_07 Datasheet
1Mb / 116P
8/14-Pin, 8-Bit Flash Microcontroller
2007
PIC12F519 MICROCHIP-PIC12F519 Datasheet
1Mb / 88P
8-Pin, 8-Bit Flash Microcontroller
2007
logo
ATMEL Corporation
AT89C51ID2_0309 ATMEL-AT89C51ID2_0309 Datasheet
1Mb / 159P
8-bit Flash Microcontroller
AT89C51ID2 ATMEL-AT89C51ID2_05 Datasheet
1Mb / 157P
8-bit Flash Microcontroller
AT89C51RE2 ATMEL-AT89C51RE2 Datasheet
2Mb / 187P
8-bit Flash Microcontroller
AT89C51ED2-SMRUM ATMEL-AT89C51ED2-SMRUM Datasheet
1Mb / 137P
8-bit Flash Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com