Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTUM Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT89C51RD2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTUM Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTUM Datasheet HTML 10Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 11Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 12Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 13Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 14Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 15Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 16Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 17Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 137 page
background image
14
4235K–8051–05/08
AT89C51RD2/ED2
5.
Port Types
AT89C51RD2/ED2 I/O ports (P1, P2, P3, P4, P5) implement the quasi-bidirectional output that
is common on the 80C51 and most of its derivatives. This output type can be used as both an
input and output without the need to reconfigure the port. This is possible because when the port
outputs a logic high, it is weakly driven, allowing an external device to pull the pin low. When the
pin is pulled low, it is driven strongly and able to sink a fairly large current. These features are
somewhat similar to an open drain output except that there are three pull-up transistors in the
quasi-bidirectional output that serve different purposes. One of these pull-ups, called the "weak"
pull-up, is turned on whenever the port latch for the pin contains a logic 1. The weak pull-up
sources a very small current that will pull the pin high if it is left floating. A second pull-up, called
the "medium" pull-up, is turned on when the port latch for the pin contains a logic 1 and the pin
itself is also at a logic 1 level. This pull-up provides the primary source current for a quasi-bidi-
rectional pin that is outputting a 1. If a pin that has a logic 1 on it is pulled low by an external
device, the medium pull-up turns off, and only the weak pull-up remains on. In order to pull the
pin low under these conditions, the external device has to sink enough current to overpower the
medium pull-up and take the voltage on the port pin below its input threshold.
The third pull-up is referred to as the "strong" pull-up. This pull-up is used to speed up low-to-
high transitions on a quasi-bidirectional port pin when the port latch changes from a logic 0 to a
logic 1. When this occurs, the strong pull-up turns on for a brief time, two CPU clocks, in order to
pull the port pin high quickly. Then it turns off again.
The DPU bit (bit 7 in AUXR register) allows to disable the permanent weak pull up of all ports
when latch data is logical 0.
The quasi-bidirectional port configuration is shown in Figure 5-1.
Figure 5-1.
Quasi-Bidirectional Output
2 CPU
Input
Pin
Strong
Medium
N
Weak
P
Clock Delay
Port Latch
Data
Data
DPU
AUXR.7
P
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com