Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTUM Datasheet(PDF) 59 Page - ATMEL Corporation

Part # AT89C51RD2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTUM Datasheet(HTML) 59 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTUM Datasheet HTML 55Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 56Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 57Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 58Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 59Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 60Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 61Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 62Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 63Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 137 page
background image
59
4235K–8051–05/08
AT89C51RD2/ED2
15. Keyboard Interface
The AT89C51RD2/ED2 implements a keyboard interface allowing the connection of a
8 x n matrix keyboard. It is based on 8 inputs with programmable interrupt capability on both
high or low level. These inputs are available as alternate function of P1 and allow to exit from
idle and power-down modes.
The keyboard interfaces with the C51 core through 3 special function registers: KBLS, the Key-
board Level Selection register (Table 15-3), KBE, the Keyboard interrupt Enable register
(Table 15-2), and KBF, the Keyboard Flag register (Table 15-1).
15.0.1
Interrupt
The keyboard inputs are considered as 8 independent interrupt sources sharing the same inter-
rupt vector. An interrupt enable bit (KBD in IE1) allows global enable or disable of the keyboard
interrupt (see Figure 15-1). As detailed in Figure 15-2 each keyboard input has the capability to
detect a programmable level according to KBLS. x bit value. Level detection is then reported in
interrupt flags KBF.x that can be masked by software using KBE. x bits.
This structure allow keyboard arrangement from 1 by n to 8 by n matrix and allows usage of P1
inputs for other purpose.
Figure 15-1. Keyboard Interface Block Diagram
Figure 15-2. Keyboard Input Circuitry
15.0.2
Power Reduction Mode
P1 inputs allow exit from idle and power-down modes as detailed in Section “Power Manage-
ment”, page 80.
P1:x
KBE.x
KBF.x
KBLS.x
0
1
Vcc
Internal Pullup
P1.0
Keyboard Interface
Interrupt Request
KBD
IE1
Input Circuitry
P1.1
Input Circuitry
P1.2
Input Circuitry
P1.3
Input Circuitry
P1.4
Input Circuitry
P1.5
Input Circuitry
P1.6
Input Circuitry
P1.7
Input Circuitry
KBDIT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com