Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTUM Datasheet(PDF) 28 Page - ATMEL Corporation

Part # AT89C51RD2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTUM Datasheet(HTML) 28 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTUM Datasheet HTML 24Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 25Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 26Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 27Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 28Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 29Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 30Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 31Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 32Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 137 page
background image
28
4235K–8051–05/08
AT89C51RD2/ED2
11. Power Monitor
The POR/PFD function monitors the internal power-supply of the CPU core memories and the
peripherals, and if needed, suspends their activity when the internal power supply falls below a
safety threshold. This is achieved by applying an internal reset to them.
By generating the Reset the Power Monitor insures a correct start up when AT89C51RD2/ED2
is powered up.
11.1
Description
In order to startup and maintain the microcontroller in correct operating mode, VCC has to be sta-
bilized in the VCC operating range and the oscillator has to be stabilized with a nominal amplitude
compatible with logic level VIH/VIL.
These parameters are controlled during the three phases: power-up, normal operation and
power going down. See Figure 11-1.
Figure 11-1. Power Monitor Block Diagram
Note:
1. Once XTAL1 High and low levels reach above and below VIH/VIL. a 1024 clock period delay
will extend the reset coming from the Power Fail Detect. If the power falls below the Power Fail
Detect threshold level, the Reset will be applied immediately.
The Voltage regulator generates a regulated internal supply for the CPU core the memories and
the peripherals. Spikes on the external Vcc are smoothed by the voltage regulator.
The Power fail detect monitor the supply generated by the voltage regulator and generate a
reset if this supply falls below a safety threshold as illustrated in the Figure 11-2 below.
VCC
Power On Reset
Power Fail Detect
Voltage Regulator
XTAL1
(1)
CPU core
Memories
Peripherals
Regulated
Supply
RST pin
Hardware
Watchdog
PCA
Watchdog
Internal Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com