Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTUM Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT89C51RD2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTUM Datasheet(HTML) 3 Page - ATMEL Corporation

  AT89C51RD2-RDTUM Datasheet HTML 1Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 2Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 3Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 4Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 5Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 6Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 7Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 8Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 137 page
background image
3
4235K–8051–05/08
AT89C51RD2/ED2
2.
Block Diagram
Figure 2-1.
Block Diagram
Timer 0
INT
RAM
256x8
WR
RD
EA
PSEN
ALE/
XTALA2
XTALA1
EUART
CPU
Timer 1
Ctrl
(2)
(2)
C51
CORE
(2) (2)
(2) (2)
Port 0 Port 1Port 2 Port 3
XRAM
1792 x 8
IB-bus
PCA
PROG
Watch
-dog
(2)
(2)
(1)
(1): Alternate function of Port 1
(2): Alternate function of Port 3
(1)
Timer2
(1)
(1)
Flash
64K x 8
Keyboard
(1)
Port4
(1) (1)(1)(1)
BOOT
2K x 8
ROM
Regulator
POR / PFD
Port 5
Parallel I/O Ports &
External Bus
SPI
EEPROM*
2K x 8
(AT89C51ED2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com