Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTUM Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT89C51RD2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTUM Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTUM Datasheet HTML 19Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 20Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 21Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 22Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 23Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 24Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 25Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 26Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 137 page
background image
23
4235K–8051–05/08
AT89C51RD2/ED2
9.
Expanded RAM (XRAM)
The AT89C51RD2/ED2 provides additional on-chip random access memory (RAM) space for
increased data parameter handling and high level language usage.
AT89C51RD2/ED2 device haS expanded RAM in external data space configurable up to 1792
bytes (see Table 9-1).
The AT89C51RD2/ED2 internal data memory is mapped into four separate segments.
The four segments are:
1.
The Lower 128 bytes of RAM (addresses 00h to 7Fh) are directly and indirectly
addressable.
2.
The Upper 128 bytes of RAM (addresses 80h to FFh) are indirectly addressable only.
3.
The Special Function Registers, SFRs, (addresses 80h to FFh) are directly address-
able only.
4.
The expanded RAM bytes are indirectly accessed by MOVX instructions, and with the
EXTRAM bit cleared in the AUXR register (see Table 9-1).
The lower 128 bytes can be accessed by either direct or indirect addressing. The Upper 128
bytes can be accessed by indirect addressing only. The Upper 128 bytes occupy the same
address space as the SFR. That means they have the same address, but are physically sepa-
rate from SFR space.
Figure 9-1.
Internal and External Data Memory Address
When an instruction accesses an internal location above address 7Fh, the CPU knows whether
the access is to the upper 128 bytes of data RAM or to SFR space by the addressing mode used
in the instruction.
• Instructions that use direct addressing access SFR space. For example: MOV 0A0H, # data,
accesses the SFR at location 0A0h (which is P2).
• Instructions that use indirect addressing access the Upper 128 bytes of data RAM. For
example: MOV @R0, # data where R0 contains 0A0h, accesses the data byte at address
0A0h, rather than P2 (whose address is 0A0h).
• The XRAM bytes can be accessed by indirect addressing, with EXTRAM bit cleared and
MOVX instructions. This part of memory which is physically located on-chip, logically
occupies the first bytes of external data memory. The bits XRS0 and XRS1 are used to hide a
XRAM
Upper
128 Bytes
Internal
RAM
Lower
128 Bytes
Internal
RAM
Special
Function
Register
80h
80h
00
0FFh or 6FFh
0FFh
00
0FFh
External
Data
Memory
0000
00FFh up to 06FFh
0FFFFh
Indirect Accesses
Direct Accesses
Direct or Indirect
Accesses
7Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com