Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTUM Datasheet(PDF) 85 Page - ATMEL Corporation

Part # AT89C51RD2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTUM Datasheet(HTML) 85 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTUM Datasheet HTML 81Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 82Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 83Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 84Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 85Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 86Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 87Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 88Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 89Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 137 page
background image
85
4235K–8051–05/08
AT89C51RD2/ED2
Table 19-2.
WDTPRG Register
WDTPRG - Watchdog Timer Out Register (0A7h)
Reset Value = XXXX X000
19.2
WDT during Power-down and Idle
In Power-down mode the oscillator stops, which means the WDT also stops. While in Power-
down mode the user does not need to service the WDT. There are 2 methods of exiting Power-
down mode: by a hardware reset or via a level activated external interrupt which is enabled prior
to entering Power-down mode. When Power-down is exited with hardware reset, servicing the
WDT should occur as it normally should whenever the AT89C51RD2/ED2 is reset. Exiting
Power-down with an interrupt is significantly different. The interrupt is held low long enough for
the oscillator to stabilize. When the interrupt is brought high, the interrupt is serviced. To prevent
the WDT from resetting the device while the interrupt pin is held low, the WDT is not started until
the interrupt is pulled high. It is suggested that the WDT be reset during the interrupt service
routine.
To ensure that the WDT does not overflow within a few states of exiting of powerdown, it is bet-
ter to reset the WDT just before entering powerdown.
In the Idle mode, the oscillator continues to run. To prevent the WDT from resetting the
AT89C51RD2/ED2 while in Idle mode, the user should always set up a timer that will periodically
exit Idle, service the WDT, and re-enter Idle mode.
7
6
5
4
3
2
1
0
-
-
-
-
-
S2
S1
S0
Bit
Number
Bit
Mnemonic
Description
7
-
Reserved
The value read from this bit is undetermined. Do not try to set this bit.
6
-
5
-
4
-
3
-
2
S2
WDT Time-out select bit 2
1
S1
WDT Time-out select bit 1
0
S0
WDT Time-out select bit 0
S2
S1 S0Selected Time-out
0
00
(214 - 1) machine cycles, 16. 3 ms @ F
OSCA =12 MHz
0
01
(215 - 1) machine cycles, 32.7 ms @ FOSCA=12 MHz
0
10 (216 - 1) machine cycles, 65. 5 ms @ F
OSCA=12 MHz
0
11
(217 - 1) machine cycles, 131 ms @ F
OSCA=12 MHz
1
00
(218 - 1) machine cycles, 262 ms @ FOSCA=12 MHz
1
01 (219 - 1) machine cycles, 542 ms @ F
OSCA=12 MHz
1
10
(220 - 1) machine cycles, 1.05 ms @ F
OSCA=12 MHz
1
11
(221 - 1) machine cycles, 2.09 ms @ FOSCA=12 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com