Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTUM Datasheet(PDF) 68 Page - ATMEL Corporation

Part # AT89C51RD2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTUM Datasheet(HTML) 68 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTUM Datasheet HTML 64Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 65Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 66Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 67Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 68Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 69Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 70Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 71Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 72Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 137 page
background image
68
4235K–8051–05/08
AT89C51RD2/ED2
16.3.3.1
Mode Fault (MODF)
Mode Fault error in Master mode SPI indicates that the level on the Slave Select (SS) pin is
inconsistent with the actual mode of the device. MODF is set to warn that there may be a multi-
master conflict for system control. In this case, the SPI system is affected in the following ways:
• An SPI receiver/error CPU interrupt request is generated
• The SPEN bit in SPCON is cleared. This disables the SPI
• The MSTR bit in SPCON is cleared
When SS Disable (SSDIS) bit in the SPCON register is cleared, the MODF flag is set when the
SS signal becomes ’0’.
However, as stated before, for a system with one Master, if the SS pin of the Master device is
pulled low, there is no way that another Master attempts to drive the network. In this case, to
prevent the MODF flag from being set, software can set the SSDIS bit in the SPCON register
and therefore making the SS pin as a general-purpose I/O pin.
Clearing the MODF bit is accomplished by a read of SPSTA register with MODF bit set, followed
by a write to the SPCON register. SPEN Control bit may be restored to its original set state after
the MODF bit has been cleared.
16.3.3.2
Write Collision (WCOL)
A Write Collision (WCOL) flag in the SPSTA is set when a write to the SPDAT register is done
during a transmit sequence.
WCOL does not cause an interruption, and the transfer continues uninterrupted.
Clearing the WCOL bit is done through a software sequence of an access to SPSTA and an
access to SPDAT.
16.3.3.3
Overrun Condition
An overrun condition occurs when the Master device tries to send several data Bytes and the
Slave devise has not cleared the SPIF bit issuing from the previous data Byte transmitted. In this
case, the receiver buffer contains the Byte sent after the SPIF bit was last cleared. A read of the
SPDAT returns this Byte. All others Bytes are lost.
This condition is not detected by the SPI peripheral.
16.3.3.4
SS Error Flag (SSERR)
A Synchronous Serial Slave Error occurs when SS goes high before the end of a received data
in slave mode. SSERR does not cause in interruption, this bit is cleared by writing 0 to SPEN bit
(reset of the SPI state machine).
16.3.4
Interrupts
Two SPI status flags can generate a CPU interrupt requests:
Table 16-2.
SPI Interrupts
Flag
Request
SPIF (SP data transfer)
SPI Transmitter Interrupt request
MODF (Mode Fault)
SPI Receiver/Error Interrupt Request (if SSDIS = ’0’)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com