Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51RD2-RDTUM Datasheet(PDF) 11 Page - ATMEL Corporation

Part # AT89C51RD2-RDTUM
Description  8-bit Flash Microcontroller
PDF  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51RD2-RDTUM Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button AT89C51RD2-RDTUM Datasheet HTML 7Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 8Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 9Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 10Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 11Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 12Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 13Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 14Page - ATMEL Corporation AT89C51RD2-RDTUM Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 137 page
background image
11
4235K–8051–05/08
AT89C51RD2/ED2
Table 4-1.
Pin Description
Mnemonic
Pin Number
Type
Name and Function
PLCC44 VQFP44
PLCC68
VQFP64
VSS
22
16
51
40
I
Ground: 0V reference
V
CC
44
38
17
8
I
Power Supply: This is the power supply voltage for normal, idle and
power-down operation
P0.0 - P0.7
43 - 36
37 - 30
15, 14,
12, 11,
9,6, 5, 3
6, 5, 3, 2,
64,
61,60,59
I/O
Port 0: Port 0 is an open-drain, bidirectional I/O port. Port 0 pins that
have 1s written to them float and can be used as high impedance inputs.
Port 0 must be polarized to VCC or VSS in order to prevent any parasitic
current consumption. Port 0 is also the multiplexed low-order address
and data bus during access to external program and data memory. In this
application, it uses strong internal pull-up when emitting 1s. Port 0 also
inputs the code bytes during EPROM programming. External pull-ups are
required during program verification during which P0 outputs the code
bytes.
P1.0 - P1.7
2 - 9
40 - 44
1 - 3
19, 21,
22, 23,
25, 27,
28, 29
10, 12,
13, 14,
16, 18,
19, 20
I/O
Port 1: Port 1 is an 8-bit bidirectional I/O port with internal pull-ups. Port 1
pins that have 1s written to them are pulled high by the internal pull-ups
and can be used as inputs. As inputs, Port 1 pins that are externally
pulled low will source current because of the internal pull-ups. Port 1 also
receives the low-order address byte during memory programming and
verification.
Alternate functions for AT89C51RD2/ED2 Port 1 include:
2
40
19
10
I/O
P1.0: Input/Output
I/O
T2 (P1.0): Timer/Counter 2 external count input/Clockout
3
41
21
12
I/O
P1.1: Input/Output
I
T2EX: Timer/Counter 2 Reload/Capture/Direction Control
I
SS: SPI Slave Select
4
42
22
13
I/O
P1.2: Input/Output
I
ECI: External Clock for the PCA
5
43
23
14
I/O
P1.3: Input/Output
I/O
CEX0: Capture/Compare External I/O for PCA module 0
6
44
25
16
I/O
P1.4: Input/Output
I/O
CEX1: Capture/Compare External I/O for PCA module 1
7
1
27
18
I/O
P1.5: Input/Output
I/O
CEX2: Capture/Compare External I/O for PCA module 2
I/O
MISO: SPI Master Input Slave Output line
When SPI is in master mode, MISO receives data from the slave
peripheral. When SPI is in slave mode, MISO outputs data to the master
controller.
8
2
28
19
I/O
P1.6: Input/Output
I/O
CEX3: Capture/Compare External I/O for PCA module 3
I/O
SCK: SPI Serial Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com