Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 35 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB device
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2921 Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 31Page - NXP Semiconductors LPC2921 Datasheet HTML 32Page - NXP Semiconductors LPC2921 Datasheet HTML 33Page - NXP Semiconductors LPC2921 Datasheet HTML 34Page - NXP Semiconductors LPC2921 Datasheet HTML 35Page - NXP Semiconductors LPC2921 Datasheet HTML 36Page - NXP Semiconductors LPC2921 Datasheet HTML 37Page - NXP Semiconductors LPC2921 Datasheet HTML 38Page - NXP Semiconductors LPC2921 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 81 page
background image
LPC2921_2923_2925_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 24 October 2008
35 of 81
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN and LIN
6.14.4.1
Functional description
The ADC block diagram, Figure 6, shows the basic architecture of each ADC. The ADC
functionality is divided into two major parts; one part running on the MSCSS Subsystem
clock, the other on the ADC clock. This split into two clock domains affects the behavior
from a system-level perspective. The actual analog-to-digital conversions take place in the
ADC clock domain, but system control takes place in the system clock domain.
A mechanism is provided to modify configuration of the ADC and control the moment at
which the updated configuration is transferred to the ADC domain.
The ADC clock is limited to 4.5 MHz maximum frequency and should always be lower
than or equal to the system clock frequency. To meet this constraint or to select the
desired lower sampling frequency, the clock generation unit provides a programmable
fractional system-clock divider dedicated to the ADC clock. Conversion rate is determined
by the ADC clock frequency divided by the number of resolution bits plus one. Accessing
ADC registers requires an enabled ADC clock, which is controllable via the clock
generation unit, see Section 6.15.2.
Each ADC has four start inputs. Note that start 0 and start 2 are captured in the system
clock domain while start 1 and start 3 are captured in the ADC domain. The start inputs
are connected at MSCSS level, see Section 6.14 for details.
6.14.4.2
Pin description
The two ADC modules in the MSCSS have the pins described below. The ADCx input
pins are combined with other functions on the port pins of the LPC2921/2923/2925. The
VREFN and VREFP pins are common for both ADCs. Table 20 shows the ADC pins.
Fig 6.
ADC block diagram
002aae251
ADC
start 2
ADC
start 0
APB clock
(BASE_MSCSS_CLK)
ADC clock
(up to 4.5 MHz)
(BASE_ADC_CLK)
APB system bus
IRQ scan
IRQ compare
ADC2 IN[7:0]
ADC
start 1
ADC
start 3
sync_out
ADC DOMAIN
SYSTEM DOMAIN
ADC
CONTROL
ADC
REGISTERS
3.3 V
ADC2
3.3 V
ADC1
ANALOG
MUX
conversion data
update
configuration data
IRQ
ADC1 IN[7:0]
ANALOG
MUX
3.3 V IN
3.3 V IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com