Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 56 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB device
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2921 Datasheet(HTML) 56 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 52Page - NXP Semiconductors LPC2921 Datasheet HTML 53Page - NXP Semiconductors LPC2921 Datasheet HTML 54Page - NXP Semiconductors LPC2921 Datasheet HTML 55Page - NXP Semiconductors LPC2921 Datasheet HTML 56Page - NXP Semiconductors LPC2921 Datasheet HTML 57Page - NXP Semiconductors LPC2921 Datasheet HTML 58Page - NXP Semiconductors LPC2921 Datasheet HTML 59Page - NXP Semiconductors LPC2921 Datasheet HTML 60Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 81 page
background image
LPC2921_2923_2925_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 24 October 2008
56 of 81
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN and LIN
II(pd)
pull-down input current
all port pins, VI = 3.3 V;
VI = 5.5 V
25
50
100
μA
II(pu)
pull-up input current
all port pins, RESET_N,
TRST_N, TDI,
JTAGSEL, TMS:
VI =0V; VI > 3.6 V is not
allowed
−25
−50
−115
μA
Ci
input capacitance
[3] -3
8
pF
Output pins and I/O pins configured as output
VO
output voltage
0
-
VDD(IO)
V
VOH
HIGH-level output voltage IOH = −4mA
VDD(IO) –0.4
-
-
V
VOL
LOW-level output voltage
IOL =4mA
-
-
0.4
V
CL
load capacitance
-
-
25
pF
Analog-to-digital converter supply
VVREFN
voltage on pin VREFN
0
-
VVREFP − 2V
VVREFP
voltage on pin VREFP
VVREFN +2
-
VDDA(ADC3V3)
V
VI(ADC)
ADC input voltage
on port 0 pins
VVREFN
-VVREFP
V
Zi
input impedance
between VVREFN and
VVREFP
4.4
-
-
k
Ω
between VVREFN and
VDD(A5V)
13.7
-
23.6
k
Ω
FSR
full scale range
2
-
10
bit
INL
integral non-linearity
−2-
+2
LSB
DNL
differential non-linearity
−1-
+1
LSB
Verr(offset)
offset error voltage
−20
-
+20
mV
Verr(FS)
full-scale error voltage
−20
-
+20
mV
Table 31.
Static characteristics …continued
VDD(CORE) =VDD(OSC_PLL) ; VDD(IO) = 2.7 V to 3.6 V; VDDA(ADC3V3) = 3.0 V to 3.6 V; Tvj =-40 °Cto+85 °C; all voltages are
measured with respect to ground; positive currents flow into the IC; unless otherwise specified.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com