Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB device
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2921 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 11Page - NXP Semiconductors LPC2921 Datasheet HTML 12Page - NXP Semiconductors LPC2921 Datasheet HTML 13Page - NXP Semiconductors LPC2921 Datasheet HTML 14Page - NXP Semiconductors LPC2921 Datasheet HTML 15Page - NXP Semiconductors LPC2921 Datasheet HTML 16Page - NXP Semiconductors LPC2921 Datasheet HTML 17Page - NXP Semiconductors LPC2921 Datasheet HTML 18Page - NXP Semiconductors LPC2921 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 81 page
background image
LPC2921_2923_2925_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 24 October 2008
15 of 81
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN and LIN
Table 7.
Base clock and branch clock overview
Base clock
Branch clock name
Parts of the device clocked
by this branch clock
Remark
BASE_SAFE_CLK
CLK_SAFE
watchdog timer
[1]
BASE_SYS_CLK
CLK_SYS_CPU
ARM968E-S and TCMs
CLK_SYS_SYS
AHB bus infrastructure
CLK_SYS_PCRSS
AHB side of bridge in PCRSS
CLK_SYS_FMC
Flash-Memory Controller
CLK_SYS_RAM0
Embedded SRAM Controller 0
(16 kB)
CLK_SYS_RAM1
Embedded SRAM Controller 1
(16 kB) (LPC2925 only)
CLK_SYS_GESS
General Subsystem
CLK_SYS_VIC
Vectored Interrupt Controller
CLK_SYS_PESS
Peripheral Subsystem
[2] [4]
CLK_SYS_GPIO0
GPIO bank 0
CLK_SYS_GPIO1
GPIO bank 1
CLK_SYS_GPIO5
GPIO bank 5
CLK_SYS_IVNSS_A
AHB side of bridge of IVNSS
CLK_SYS_MSCSS_A
AHB side of bridge of MSCSS
CLK_SYS_DMA
GPDMA
CLK_SYS_USB
USB registers
BASE_PCR_CLK
CLK_PCR_SLOW
PCRSS, CGU, RGU and PMU
logic clock
[1], [3]
BASE_IVNSS_CLK
CLK_IVNSS_APB
APB side of the IVNSS
CLK_IVNSS_CANCA
CAN controller Acceptance
Filter
CLK_IVNSS_CANC0
CAN channel 0
CLK_IVNSS_CANC1
CAN channel 1
CLK_IVNSS_I2C0
I2C0
CLK_IVNSS_I2C1
I2C1
CLK_IVNSS_LIN0
LIN channel 0
CLK_IVNSS_LIN1
LIN channel 1
BASE_MSCSS_CLK
CLK_MSCSS_APB
APB side of the MSCSS
CLK_MSCSS_MTMR0
Timer 0 in the MSCSS
CLK_MSCSS_MTMR1
Timer 1 in the MSCSS
CLK_MSCSS_PWM0
PWM 0
CLK_MSCSS_PWM1
PWM 1
CLK_MSCSS_PWM2
PWM 2
CLK_MSCSS_PWM3
PWM 3
CLK_MSCSS_ADC1_APB APB side of ADC 1
CLK_MSCSS_ADC2_APB APB side of ADC 2
CLK_MSCSS_QEI
Quadrature encoder



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com