Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB device
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2921 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 6Page - NXP Semiconductors LPC2921 Datasheet HTML 7Page - NXP Semiconductors LPC2921 Datasheet HTML 8Page - NXP Semiconductors LPC2921 Datasheet HTML 9Page - NXP Semiconductors LPC2921 Datasheet HTML 10Page - NXP Semiconductors LPC2921 Datasheet HTML 11Page - NXP Semiconductors LPC2921 Datasheet HTML 12Page - NXP Semiconductors LPC2921 Datasheet HTML 13Page - NXP Semiconductors LPC2921 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 81 page
background image
LPC2921_2923_2925_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 24 October 2008
10 of 81
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN and LIN
• Write buffers for the AHB and TCM buses
• Enhanced 16 × 32 multiplier capable of single-cycle MAC operations and 16-bit fixed-
point DSP instructions to accelerate signal-processing algorithms and applications.
Pipeline techniques are employed so that all parts of the processing and memory systems
can operate continuously. The ARM968E-S is based on the ARMv5TE five-stage pipeline
architecture. Typically, in a three-stage pipeline architecture, while one instruction is being
executed its successor is being decoded and a third instruction is being fetched from
memory. In the five-stage pipeline additional stages are added for memory access and
write-back cycles.
The ARM968E-S processor also employs a unique architectural strategy known as
THUMB, which makes it ideally suited to high-volume applications with memory
restrictions or to applications where code density is an issue.
The key idea behind THUMB is that of a super-reduced instruction set. Essentially, the
ARM968E-S processor has two instruction sets:
• Standard 32-bit ARMv5TE set
• 16-bit THUMB set
The THUMB set's 16-bit instruction length allows it to approach twice the density of
standard ARM code while retaining most of the ARM's performance advantage over a
traditional 16-bit controller using 16-bit registers. This is possible because THUMB code
operates on the same 32-bit register set as ARM code.
THUMB code can provide up to 65 % of the code size of ARM, and 160 % of the
performance of an equivalent ARM controller connected to a 16-bit memory system.
The ARM968E-S processor is described in detail in the ARM968E-S data sheet Ref. 2.
6.3 On-chip flash memory system
The LPC2921/2923/2925 includes a 128 kB, 256 kB, or 512 kB flash memory system.
This memory can be used for both code and data storage. Programming of the flash
memory can be accomplished via the flash memory controller or the JTAG.
The flash controller also supports a 16 kB, byte-accessible on-chip EEPROM integrated
on the LPC2921/2923/2925.
6.4 On-chip static RAM
In addition to the two 16 kB TCMs, the LPC2921/2923/2925 includes up two static RAM
memories of 16 kB each for a total of 32 kB (LPC2925 only) or 1 block of 16 kB
(LPC2921/2923). Both may be used for code and/or data storage.
The 8 kB SRAM block for the ETB can be used as static memory for code and data
storage as well. However, DMA access to this memory region is not supported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com