Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB device
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2921 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 2Page - NXP Semiconductors LPC2921 Datasheet HTML 3Page - NXP Semiconductors LPC2921 Datasheet HTML 4Page - NXP Semiconductors LPC2921 Datasheet HTML 5Page - NXP Semiconductors LPC2921 Datasheet HTML 6Page - NXP Semiconductors LPC2921 Datasheet HTML 7Page - NXP Semiconductors LPC2921 Datasheet HTML 8Page - NXP Semiconductors LPC2921 Datasheet HTML 9Page - NXP Semiconductors LPC2921 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 81 page
background image
LPC2921_2923_2925_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 24 October 2008
6 of 81
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN and LIN
P5[19]/USB_D+
12[2]
GPIO 5, pin 19
USB_D+
-
-
P5[18]/USB_D
−
13[2]
GPIO 5, pin 18
USB_D
−
-
-
VDD(IO)
14
3.3 V power supply for I/O
VDD(CORE)
15
1.8 V power supply for digital core
VSS(CORE)
16
ground for core
VSS(IO)
17
ground for I/O
P1[27]/CAP1[2]/
TRAP2/PMAT3[3]
18[1]
GPIO 1, pin 27
TIMER1 CAP2,
ADC2 EXT START
PWM TRAP2
PWM3 MAT3
P1[26]/PMAT2[0]/
TRAP3/PMAT3[2]
19[1]
GPIO 1, pin 26
PWM2 MAT0
PWM TRAP3
PWM3 MAT2
VDD(IO)
20
3.3 V power supply for I/O
P1[25]/PMAT1[0]/
USB_VBUS/
PMAT3[1]
21[1]
GPIO 1, pin 25
PWM1 MAT0
USB_VBUS
PWM3 MAT1
P1[24]/PMAT0[0]/
USB_CONNECT/
PMAT3[0]
22[1]
GPIO 1, pin 24
PWM0 MAT0
USB_CONNECT
PWM3 MAT0
P1[23]/RXD0
23[1]
GPIO 1, pin 23
UART0 RXD
-
-
P1[22]/TXD0/
USB_UP_LED
24[1]
GPIO 1, pin 22
UART0 TXD
USB_UP_LED
-
TMS
25[1]
IEEE 1149.1 test mode select, pulled up internally
TCK
26[1]
IEEE 1149.1 test clock
P1[21]/CAP3[3]/
CAP1[3]
27[1]
GPIO 1, pin 21
TIMER3 CAP3
TIMER1 CAP3,
MSCSS PAUSE
-
P1[20]/CAP3[2]/
SCS0[1]
28[1]
GPIO 1, pin 20
TIMER3 CAP2
SPI0 SCS1
-
P1[19]/CAP3[1]/
SCS0[2]
29[1]
GPIO 1, pin 19
TIMER3 CAP1
SPI0 SCS2
-
P1[18]/CAP3[0]/
SDO0
30[1]
GPIO 1, pin 18
TIMER3 CAP0
SPI0 SDO
-
P1[17]/CAP2[3]/
SDI0
31[1]
GPIO 1, pin 17
TIMER2 CAP3
SPI0 SDI
-
VSS(IO)
32
ground for I/O
P1[16]/CAP2[2]/
SCK0
33[1]
GPIO 1, pin 16
TIMER2 CAP2
SPI0 SCK
-
P1[15]/CAP2[1]/
SCS0[0]
34[1]
GPIO 1, pin 15
TIMER2 CAP1
SPI0 SCS0
-
P1[14]/CAP2[0]/
SCS0[3]
35[1]
GPIO 1, pin 14
TIMER2 CAP0
SPI0 SCS3
-
P1[13]/EI3/SCL1
36[1]
GPIO 1, pin 13
EXTINT3
I2C1 SCL
-
P1[12]/EI2/SDA1
37[1]
GPIO 1, pin 12
EXTINT2
I2C1 SDA
-
VDD(IO)
38
3.3 V power supply for I/O
P1[11]/SCK1/SCL0
39[1]
GPIO 1, pin 11
SPI1 SCK
I2C0 SCL
-
Table 3.
LQFP100 pin assignment …continued
Pin name
Pin
Description
Function 0 (default)
Function 1
Function 2
Function 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com