Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB device
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2921 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 60Page - NXP Semiconductors LPC2921 Datasheet HTML 61Page - NXP Semiconductors LPC2921 Datasheet HTML 62Page - NXP Semiconductors LPC2921 Datasheet HTML 63Page - NXP Semiconductors LPC2921 Datasheet HTML 64Page - NXP Semiconductors LPC2921 Datasheet HTML 65Page - NXP Semiconductors LPC2921 Datasheet HTML 66Page - NXP Semiconductors LPC2921 Datasheet HTML 67Page - NXP Semiconductors LPC2921 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 81 page
background image
LPC2921_2923_2925_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 24 October 2008
64 of 81
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN and LIN
9.2 USB interface
[1]
Characterized but not implemented as production test. Guaranteed by design.
Table 33.
Dynamic characteristics: USB pins (full-speed)
CL = 50 pF; Rpu = 1.5 kΩ on D+ to VDD(3V3), unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tr
rise time
10 % to 90 %
8.5
-
13.8
ns
tf
fall time
10 % to 90 %
7.7
-
13.7
ns
tFRFM
differential rise and fall time
matching
tr /tf
--
109
%
VCRS
output signal crossover voltage
1.3
-
2.0
V
tFEOPT
source SE0 interval of EOP
see Figure 21
160
-
175
ns
tFDEOP
source jitter for differential transition
to SE0 transition
see Figure 21
−2-
+5
ns
tJR1
receiver jitter to next transition
−18.5
-
+18.5
ns
tJR2
receiver jitter for paired transitions
10 % to 90 %
−9-
+9
ns
tEOPR1
EOP width at receiver
must reject as
EOP; see
Figure 21
[1] 40
--ns
tEOPR2
EOP width at receiver
must accept as
EOP; see
Figure 21
[1] 82
--ns
Fig 21. Differential data-to-EOP transition skew and EOP width
002aab561
tPERIOD
differential
data lines
crossover point
source EOP width: tFEOPT
receiver EOP width: tEOPR1, tEOPR2
crossover point
extended
differential data to
SE0/EOP skew
n
× tPERIOD + tFDEOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com