Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 22 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB device
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2921 Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 18Page - NXP Semiconductors LPC2921 Datasheet HTML 19Page - NXP Semiconductors LPC2921 Datasheet HTML 20Page - NXP Semiconductors LPC2921 Datasheet HTML 21Page - NXP Semiconductors LPC2921 Datasheet HTML 22Page - NXP Semiconductors LPC2921 Datasheet HTML 23Page - NXP Semiconductors LPC2921 Datasheet HTML 24Page - NXP Semiconductors LPC2921 Datasheet HTML 25Page - NXP Semiconductors LPC2921 Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 81 page
background image
LPC2921_2923_2925_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 24 October 2008
22 of 81
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN and LIN
6.11 General subsystem
6.11.1 General subsystem clock description
The general subsystem is clocked by CLK_SYS_GESS, see Section 6.7.2.
6.11.2 Chip and feature identification
The Chip/Feature ID (CFID) module contains registers which show and control the
functionality of the chip. It contains an ID to identify the silicon and also registers
containing information about the features enabled or disabled on the chip.
The key features are:
• Identification of product
• Identification of features enabled
The CFID has no external pins.
6.11.3 System Control Unit (SCU)
The system control unit contains system-related functions.The key feature is configuration
of the I/O port-pins multiplexer. It defines the function of each I/O pin of the
LPC2921/2923/2925. The I/O pin configuration should be consistent with peripheral
function usage.
The SCU has no external pins.
6.11.4 Event router
The event router provides bus-controlled routing of input events to the vectored interrupt
controller for use as interrupt or wake-up signals.
Key features:
• Up to 16 level-sensitive external interrupt pins, including the receive pins of SPI, CAN,
LIN, and UART, as well as the I2C-bus SCL pins plus three internal event sources.
• Input events can be used as interrupt source either directly or latched
(edge-detected).
• Direct events disappear when the event becomes inactive.
• Latched events remain active until they are explicitly cleared.
• Programmable input level and edge polarity.
• Event detection maskable.
• Event detection is fully asynchronous, so no clock is required.
The event router allows the event source to be defined, its polarity and activation type to
be selected and the interrupt to be masked or enabled. The event router can be used to
start a clock on an external event.
The vectored interrupt-controller inputs are active HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com