Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 43 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB device
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2921 Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 39Page - NXP Semiconductors LPC2921 Datasheet HTML 40Page - NXP Semiconductors LPC2921 Datasheet HTML 41Page - NXP Semiconductors LPC2921 Datasheet HTML 42Page - NXP Semiconductors LPC2921 Datasheet HTML 43Page - NXP Semiconductors LPC2921 Datasheet HTML 44Page - NXP Semiconductors LPC2921 Datasheet HTML 45Page - NXP Semiconductors LPC2921 Datasheet HTML 46Page - NXP Semiconductors LPC2921 Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 81 page
background image
LPC2921_2923_2925_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 24 October 2008
43 of 81
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN and LIN
There are two primary clock generators: a low-power ring oscillator (LP_OSC) and a
crystal oscillator. See Figure 9.
LP_OSC is the source for the BASE_PCR_CLK that clocks the CGU itself and for
BASE_SAFE_CLK that clocks a minimum of other logic in the device (like the watchdog
timer). To prevent the device from losing its clock source LP_OSC cannot be put into
power-down. The crystal oscillator can be used as source for high-frequency clocks or as
an external clock input if a crystal is not connected.
Secondary clock generators are a PLL and seven fractional dividers (FDIV0..6). The PLL
has three clock outputs: normal, 120
° phase-shifted and 240° phase-shifted.
Configuration of the CGU0: For every output generator generating the base clocks a
choice can be made from the primary and secondary clock generators according to
Figure 10.
Fig 9.
Block diagram of the CGU0 (see Table 24 for all base clocks)
400 kHz LP_OSC
PLL
FDIV0
EXTERNAL
OSCLLLATOR
FDIV1
FDIV6
OUT 0
OUT 1
OUT 11
002aae147
clkout
clkout120
clkout240
CLOCK GENERATION UNIT (CGU0)
FREQUENCY
MONITOR
CLOCK
DETECTION
AHB TO DTL BRIDGE
BASE_SYS_CLK
BASE_ICLK1_CLK
OUT 3
BASE_IVNSS_CLK
OUT 2
BASE_PCR_CLK
BASE_SAFE_CLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com