Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 65 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB device
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2921 Datasheet(HTML) 65 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 61Page - NXP Semiconductors LPC2921 Datasheet HTML 62Page - NXP Semiconductors LPC2921 Datasheet HTML 63Page - NXP Semiconductors LPC2921 Datasheet HTML 64Page - NXP Semiconductors LPC2921 Datasheet HTML 65Page - NXP Semiconductors LPC2921 Datasheet HTML 66Page - NXP Semiconductors LPC2921 Datasheet HTML 67Page - NXP Semiconductors LPC2921 Datasheet HTML 68Page - NXP Semiconductors LPC2921 Datasheet HTML 69Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 81 page
background image
LPC2921_2923_2925_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 24 October 2008
65 of 81
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN and LIN
9.3 Dynamic characteristics: I2C-bus interface
[1]
All parameters are guaranteed over the virtual junction temperature range by design. Pre-testing is performed at Tamb =125 °C ambient
temperature on wafer level. Cased products are tested at Tamb =25 °C (final testing). Both pre-testing and final testing use correlated
test conditions to cover the specified temperature and power supply voltage range.
[2]
Typical ratings are not guaranteed. The values listed are at room temperature (25
°C), nominal supply voltages.
[3]
Bus capacitance Cb in pF, from 10 pF to 400 pF.
Table 34.
Dynamic characteristic: I2C-bus pins
VDD(CORE) =VDD(OSC_PLL); VDD(IO) = 2.7 V to 3.6 V; VDDA(ADC3V3) = 3.0 V to 3.6 V; all voltages are measured with respect to
ground; positive currents flow into the IC; unless otherwise specified[1]
Symbol
Parameter
Conditions
Min
Typ[2]
Max
Unit
tf(o)
output fall time
VIH to VIL
20 + 0.1
× C
b
[3]
--
ns
tr
rise time
<tbd>
<tbd>
<tbd>
tf
fall time
<tbd>
<tbd>
<tbd>
tBUF
bus free time between a STOP and
START condition
-
<tbd>
<tbd>
<tbd>
tLOW
LOW period of the SCL clock
-
<tbd>
<tbd>
<tbd>
tHD;STA
hold time (repeated) START
condition
-
<tbd>
<tbd>
<tbd>
tHIGH
HIGH period of the SCL clock
-
<tbd>
<tbd>
<tbd>
tSU;DAT
data set-up time
-
<tbd>
<tbd>
<tbd>
tSU;STA
set-up time for a repeated START
condition
-
<tbd>
<tbd>
<tbd>
tSU;STO
set-up time for STOP condition
-
<tbd>
<tbd>
<tbd>
Fig 22. I2C-bus pins clock timing
P
SS
P
002aad985
tHD;STA
tBUF
tHD;STA
tSU;STA
tSU;DAT
tf
tHIGH
tSU;STO
tr
tHD;STA
tLOW
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com