Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB device
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2921 Datasheet(HTML) 4 Page - NXP Semiconductors

  LPC2921 Datasheet HTML 1Page - NXP Semiconductors LPC2921 Datasheet HTML 2Page - NXP Semiconductors LPC2921 Datasheet HTML 3Page - NXP Semiconductors LPC2921 Datasheet HTML 4Page - NXP Semiconductors LPC2921 Datasheet HTML 5Page - NXP Semiconductors LPC2921 Datasheet HTML 6Page - NXP Semiconductors LPC2921 Datasheet HTML 7Page - NXP Semiconductors LPC2921 Datasheet HTML 8Page - NXP Semiconductors LPC2921 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 81 page
background image
LPC2921_2923_2925_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 24 October 2008
4 of 81
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN and LIN
4.
Block diagram
Grey-shaded blocks represent peripherals and memory regions accessible by the GPDMA.
Fig 1.
LPC2921/2923/2925 block diagram
002aae224
ARM968E-S
DTCM
16 kB
ITCM
16 kB
TEST/DEBUG
INTERFACE
slave
master
1 master
2 slaves
master
GPDMA CONTROLLER
GPDMA REGISTERS
EMBEDDED FLASH
512/256/128 kB
16 kB
EEPROM
EMBEDDED SRAM 16 kB
(LPC2925 only)
SYSTEM CONTROL
TIMER0/1 MTMR
CAN0/1
GLOBAL
ACCEPTANCE
FILTER
PWM0/1/2/3
3.3 V ADC1/2
EVENT ROUTER
EMBEDDED SRAM 16 kB
GENERAL PURPOSE I/O
PORTS 0/1/5
TIMER 0/1/2/3
SPI0/1/2
RS485 UART0/1
WDT
AHB TO APB
BRIDGE
AHB TO DTL
BRIDGE
VECTORED
INTERRUPT
CONTROLLER
master
slave
USB DEVICE
CONTROLLER
slave
slave
slave
slave
slave
slave
slave
slave
slave
AHB TO DTL
BRIDGE
AHB TO APB
BRIDGE
QUADRATURE
ENCODER
CHIP FEATURE ID
AHB TO APB
BRIDGE
I2C0/1
AHB TO APB
BRIDGE
CLOCK
GENERATION
UNIT
POWER
MANAGEMENT
UNIT
RESET
GENERATION
UNIT
AHB
MULTI-
LAYER
MATRIX
LPC2921/2923/2925
JTAG
interface
8 kB SRAM
general subsystem
power. clock, and
reset subsystem
MSC subsystem
networking subsystem
peripheral subsystem



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com