Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 53 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB device
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2921 Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 49Page - NXP Semiconductors LPC2921 Datasheet HTML 50Page - NXP Semiconductors LPC2921 Datasheet HTML 51Page - NXP Semiconductors LPC2921 Datasheet HTML 52Page - NXP Semiconductors LPC2921 Datasheet HTML 53Page - NXP Semiconductors LPC2921 Datasheet HTML 54Page - NXP Semiconductors LPC2921 Datasheet HTML 55Page - NXP Semiconductors LPC2921 Datasheet HTML 56Page - NXP Semiconductors LPC2921 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 81 page
background image
LPC2921_2923_2925_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 24 October 2008
53 of 81
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN and LIN
7.
Limiting values
Table 30.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Supply pins
Ptot
total power dissipation
[1] -1.5
W
VDD(CORE)
core supply voltage
−0.5
+2.0
V
VDD(OSC_PLL)
oscillator and PLL supply
voltage
−0.5
+2.0
V
VDDA(ADC3V3)
3.3 V ADC analog supply
voltage
−0.5
+4.6
V
VDD(IO)
I/O supply voltage
−0.5
+4.6
V
IDD
supply current
average value per supply
pin
[2] -98
mA
ISS
ground current
average value per ground
pin
[2] -98
mA
Input pins and I/O pins
VXIN_OSC
voltage on pin XIN_OSC
−0.5
+2.0
V
VI(IO)
I/O input voltage
[3][4][6]
−0.5
VDD(IO) +3.0
V
VI(ADC)
ADC input voltage
for ADC1/2: I/O port 0 pin 8
to pin 23.
[4][6]
−0.5
VDDA(ADC3V3)
+ 0.5
V
VVREFP
voltage on pin VREFP
−0.5
+3.6
V
VVREFN
voltage on pin VREFN
−0.5
+3.6
V
II(ADC)
ADC input current
average value per input pin
[2] -35
mA
Output pins and I/O pins configured as output
IOHS
HIGH-level short-circuit
output current
drive HIGH, output shorted
to VSS(IO)
[8]
-
−33
mA
IOLS
LOW-level short-circuit
output current
drive LOW, output shorted
to VDD(IO)
[8]
-+38
mA
General
Tstg
storage temperature
−65
+150
°C
Tamb
ambient temperature
−40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com