Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC2921 Datasheet(PDF) 69 Page - NXP Semiconductors

Part # LPC2921
Description  ARM9 microcontroller with CAN, LIN, and USB device
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LPC2921 Datasheet(HTML) 69 Page - NXP Semiconductors

Back Button LPC2921 Datasheet HTML 65Page - NXP Semiconductors LPC2921 Datasheet HTML 66Page - NXP Semiconductors LPC2921 Datasheet HTML 67Page - NXP Semiconductors LPC2921 Datasheet HTML 68Page - NXP Semiconductors LPC2921 Datasheet HTML 69Page - NXP Semiconductors LPC2921 Datasheet HTML 70Page - NXP Semiconductors LPC2921 Datasheet HTML 71Page - NXP Semiconductors LPC2921 Datasheet HTML 72Page - NXP Semiconductors LPC2921 Datasheet HTML 73Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 81 page
background image
LPC2921_2923_2925_0
© NXP B.V. 2008. All rights reserved.
Preliminary data sheet
Rev. 00.01 — 24 October 2008
69 of 81
NXP Semiconductors
LPC2921/2923/2925
ARM9 microcontroller with CAN and LIN
9.5 Dynamic characteristics: flash memory
[1]
All parameters are guaranteed over the virtual junction temperature range by design. Pre-testing is performed at Tamb =125 °C ambient
temperature on wafer level. Cased products are tested at Tamb =25 °C (final testing). Both pre-testing and final testing use correlated
test conditions to cover the specified temperature and power supply voltage range.
Table 36.
Flash characteristics
VDD(CORE) =VDD(OSC_PLL); VDD(IO) = 2.7 V to 3.6 V; VDDA(ADC3V3) = 3.0 V to 3.6 V; all voltages are measured with respect to
ground.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Nendu
endurance
number of
program/erase cycles
10,000
<tbd>
<tbd>
cycles
tret
retention time
average Tamb = 85 °C
10
<tbd>
20
years
tprog
programming time
word
-
<tbd>
<tbd>
μs
ter
erase time
page
-
<tbd>
<tbd>
ms
global
-
<tbd>
<tbd>
ms
sector
95
100
105
ms
tinit
initialization time
-
-
150
μs
twr(pg)
page write time
0.95
1
1.05
ms
tfl(BIST)
flash word BIST time
-
38
70
ns
ta(clk)
clock access time
-
-
63.4
ns
ta(A)
address access time
-
-
60.3
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com