Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4241IGN Datasheet(PDF) 7 Page - Linear Technology

Part # LTC4241IGN
Description  PCI-Bus with 3.3V Auxiliary Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4241IGN Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC4241IGN Datasheet HTML 3Page - Linear Technology LTC4241IGN Datasheet HTML 4Page - Linear Technology LTC4241IGN Datasheet HTML 5Page - Linear Technology LTC4241IGN Datasheet HTML 6Page - Linear Technology LTC4241IGN Datasheet HTML 7Page - Linear Technology LTC4241IGN Datasheet HTML 8Page - Linear Technology LTC4241IGN Datasheet HTML 9Page - Linear Technology LTC4241IGN Datasheet HTML 10Page - Linear Technology LTC4241IGN Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LTC4241
7
sn4241 4241f
12VIN (Pin 1): 12V Supply Input. This pin powers the
primary controller internal circuitry. A 0.5
Ω switch is
connected between 12VIN and 12VOUT with a foldback
current limit. An undervoltage lockout circuit prevents the
switches from turning on while the 12VIN pin voltage is
less than 9V.
VEEIN (Pin 2): –12V Supply Input. A 1.2Ω switch is
connected between VEEIN and VEEOUT with a foldback
current limit.
3VOUT (Pin 3): 3.3V Output Monitor. Used to monitor the
3.3V output supply voltage. The PWRGD signal cannot go
low until the 3VOUT pin exceeds 2.9V.
TIMER (Pin 4): Current Limit Fault Timer Input. Connect a
capacitor from TIMER to ground. With the primary con-
troller turned off (ON = GND) or the internal circuit breaker
tripped due to a PCI supply fault (FAULT = low), the TIMER
pin is internally held at ground. When the primary control-
ler is turned on, a 22
µA pull-up current source is con-
nected to TIMER. Current limit faults from the PCI supplies
will be ignored until the voltage at the TIMER pin rises to
within 0.9V of 12VIN.
ON (Pin 5): On Control Input. A rising edge turns on the
external N-channel FETs for 3.3V and 5V PCI supplies, the
internal 12V and –12V switches and a falling edge turns it
off. If the ON pin is cycled low then high following the trip
of the circuit breaker due to a PCI supply fault, the circuit
breaker is reset.
FAULT (Pin 6): Fault Output. Open drain logic output used
by both the primary and auxiliary controller to indicate an
overcurrent fault condition. When any of the PCI and 3.3V
auxiliary supplies are in current limit fault, the controller
detecting the fault (primary or auxiliary) will be latched off
and the FAULT pin will be pulled low. Current limit faults
from the PCI supplies are ignored while the voltage at the
TIMER pin is less than (12VIN – 0.9V). The current limit
fault detected by the primary controller will not cause the
auxiliary controller to latch off and vice versa.
PWRGD (Pin 7): Power Good Output. Open drain logic
output used by the primary controller to indicate the
voltage status of the PCI supplies. PWRGD remains low
while V12VOUT ≥ 11.1V, V3VOUT ≥ 2.9V, V5VOUT ≥ 4.65V,
VVEEOUT ≤ –10.5V. When one of the supplies falls below its
PI FU CTIO S
power good threshold voltage, PWRGD will go high after
a 15
µsdeglitchingtime.Theswitcheswillnotbeturnedoff
when PWRGD goes high.
GND (Pin 8): Chip Ground
AUXGATE (Pin 9): High Side Gate Drive for the 3.3V
Auxiliary External N-channel MOSFET. An internal charge
pump generates at least 8V of gate drive from a 3.3V
auxiliary supply. A zener clamps AUXGATE approximately
12V above the supply voltage at AUXIN. The rise time at
AUXGATE is set by an external AUXGATE capacitor con-
nected to ground and an internal 10
µA current source
provided by the charge pump. If the circuit breaker trips or
the auxiliary supply voltage hits the undervoltage lockout
threshold, a 50mA current sink rapidly pulls AUXGATE
low.
AUXSENSE (Pin 10): 3.3V Auxiliary Circuit Breaker Cur-
rent Sense Input. The load current is monitored by a sense
resistor connected between AUXIN and AUXSENSE. The
circuit breaker trips if the voltage across the sense resistor
exceeds 50mV and the AUXGATE pin voltage will be turned
off.
AUXIN (Pin 11): 3.3V Auxiliary Supply Input. This pin
powers the auxiliary controller internal circuitry. An
undervoltage lockout circuit disables the AUXGATE pin
until the supply voltage at AUXIN is greater than 2.6V.
AUXGATE is held at ground potential until the undervoltage
lockout deactivates. If no 3.3V auxiliary supply is available,
tie AUXIN to ground.
AUXON (Pin 12): ON Control Input for Auxiliary Supply. A
rising edge turns on the external N-channel FET for 3.3V
auxiliary supply and a falling edge turns it off. If the AUXON
pin is cycled low then high following the trip of the circuit
breaker due to a 3.3V auxiliary supply fault, the circuit
breaker is reset.
3VIN (Pin 13): 3.3V Supply Sense Input. An undervoltage
lockout circuit prevents the switches from turning on
when the voltage at the 3VIN pin is less than 2.5V. If no 3.3V
input supply is available, tie 3VIN to the 5VIN pin.
3VSENSE (Pin 14): 3.3V Current Limit Set Pin. With a sense
resistor placed in the supply path between 3VIN and
3VSENSE, the GATE pin voltage will be adjusted to maintain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com