Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4241IGN Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4241IGN
Description  PCI-Bus with 3.3V Auxiliary Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4241IGN Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4241IGN Datasheet HTML 5Page - Linear Technology LTC4241IGN Datasheet HTML 6Page - Linear Technology LTC4241IGN Datasheet HTML 7Page - Linear Technology LTC4241IGN Datasheet HTML 8Page - Linear Technology LTC4241IGN Datasheet HTML 9Page - Linear Technology LTC4241IGN Datasheet HTML 10Page - Linear Technology LTC4241IGN Datasheet HTML 11Page - Linear Technology LTC4241IGN Datasheet HTML 12Page - Linear Technology LTC4241IGN Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LTC4241
9
sn4241 4241f
BLOCK DIAGRA
–
+
–
+
–
+
–
+
+
–
–
+
+
–
+
–
+
–
+
–
3.9V
UVL
2.5V
UVL
–
+
–
+
REF
REF
REF
200
µA
200
µA
10
µA
60
µA
22
µA
REF
PRIMARY CONTROL LOGIC
7
5
17
16
15
14
13
18
3
6
1
20
11
10
4
2
19
9V
UVL
8
9
12VIN
12VOUT
TIMER
VEEIN
VEEOUT
5VIN 5VSENSE
GATE
3VSENSE
3VIN
12VIN
12VIN
3VOUT 5VOUT
GND
ON
PWRGD
FAULT
Q3
Q5
Q8
Q9
Q1
Q6
Q12
Q11
Q2
Q10
Q7
Q4
55mV
55mV
3VOUT
5VOUT
CP2
CP4
CP3
CP1
PCI-BUS HOT SWAP
CONTROLLER
50mV
2.6V
UVL
8
µs
FILTER
CHARGE
PUMP
12
AUXIN
AUXSENSE
AUXON
AUXILIARY
CONTROL
LOGIC
AUXGATE
AUXIN
3.3V AUXILIARY SUPPLY
HOT SWAP CONTROLLER
4241 BD
Z1
12V
Z2
20V
A1
A2
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com