Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4241IGN Datasheet(PDF) 11 Page - Linear Technology

Part # LTC4241IGN
Description  PCI-Bus with 3.3V Auxiliary Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4241IGN Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC4241IGN Datasheet HTML 7Page - Linear Technology LTC4241IGN Datasheet HTML 8Page - Linear Technology LTC4241IGN Datasheet HTML 9Page - Linear Technology LTC4241IGN Datasheet HTML 10Page - Linear Technology LTC4241IGN Datasheet HTML 11Page - Linear Technology LTC4241IGN Datasheet HTML 12Page - Linear Technology LTC4241IGN Datasheet HTML 13Page - Linear Technology LTC4241IGN Datasheet HTML 14Page - Linear Technology LTC4241IGN Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC4241
11
sn4241 4241f
Timer
During a power-up sequence for the PCI power supplies,
a 22
µA current source is connected to the TIMER pin and
current limit faults are ignored until the voltage ramps to
within 0.9V of 12VIN. This feature allows the chip to power
up a PCI slot that can accommodate boards with a wide
range of capacitive loads on the supplies. The power-up
time for any one of the four outputs will be:
t
CV
II
ON
LOAD
OUT
LIMIT
LOAD
≅


2•
•
–
For example, for CLOAD = 2000µF, VOUT = 5V, ILIMIT = 7A,
ILOAD = 5A, the 5VOUT turn-on time will be ~10ms. By
substituting the variables in the above equation with the
appropriate values, the turn-on time for the other three
outputs can be calculated. The timer period should be set
longer than the maximum supply turn-on time but short
enough to not exceed the maximum safe operating area of
the pass transistor during a short-circuit. The timer period
is given by:
APPLICATIO S I FOR ATIO
The current in each pass transistor increases until it
reaches the current limit for each supply. Each supply is
allowed to power up at the rate dV/dt = 60
µA/C1 or as
determined by the current limit and the load capacitance
on the supply line, whichever is slower. Current limit faults
are ignored while the TIMER pin voltage is ramping up and
is less than 0.9V below 12VIN. Once all four PCI supply
voltages are within tolerance, the PWRGD pin will pull low.
Power-Down Sequence for PCI Power Supplies
When the ON pin is pulled low, a power-down sequence
begins for all the PCI power supplies (Figure 3).
Internal switches are connected to each of the output
supply voltage pins to discharge the load capacitors to
ground. The TIMER pin is immediately pulled low and the
internal 12V and –12V switches are turned off. The GATE
pin is pulled to ground by an internal 200
µA current
source. This turns off the external pass transistors in a
controlled manner and prevents the load current on the
3.3V and 5V supplies from going to zero instantaneously
and glitching the power supply voltages. When any of the
output voltages dips below its threshold, the PWRGD pin
pulls high.
Figure 2. Normal Power-Up Sequence
Figure 3. Normal Power-Down Sequence
ON
10V/DIV
TIMER
10V/DIV
GATE
10V/DIV
PWRGD
10V/DIV
5VOUT 5V/DIV
3VOUT 5V/DIV
12VOUT
5V/DIV
VEEOUT
5V/DIV
FAULT
10V/DIV
10ms/DIV
4241 F03
t
CV
A
TIMER
TIMER
=
µ
•.
11 1
22
ON
10V/DIV
TIMER
10V/DIV
GATE
10V/DIV
PWRGD
10V/DIV
5VOUT 5V/DIV
3VOUT 5V/DIV
12VOUT
5V/DIV
VEEOUT
5V/DIV
FAULT
10V/DIV
10ms/DIV
4241 F02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com