Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4241IGN Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4241IGN
Description  PCI-Bus with 3.3V Auxiliary Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4241IGN Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4241IGN Datasheet HTML 8Page - Linear Technology LTC4241IGN Datasheet HTML 9Page - Linear Technology LTC4241IGN Datasheet HTML 10Page - Linear Technology LTC4241IGN Datasheet HTML 11Page - Linear Technology LTC4241IGN Datasheet HTML 12Page - Linear Technology LTC4241IGN Datasheet HTML 13Page - Linear Technology LTC4241IGN Datasheet HTML 14Page - Linear Technology LTC4241IGN Datasheet HTML 15Page - Linear Technology LTC4241IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC4241
13
sn4241 4241f
The current limit and the foldback current level (at the
VOUT = 0V) are given by:
ILIMIT = 55mV/RSENSE
IFOLDBACK = 9mV/RSENSE
As a design aid, the current limit and foldback level for
commonly used values for RSENSE are given in Table 2.
Table 2. ILIMIT and IFOLDBACK vs RSENSE
RSENSE (Ω)ILIMIT
IFOLDBACK
0.005
11A
1.8A
0.006
9.2A
1.5A
0.007
7.9A
1.3A
0.008
6.9A
1.1A
0.009
6.1A
1.0A
0.01
5.5A
0.9A
The current limit for the internal 12V switch is set at
850mA folding back to 300mA and the –12V switch at
450mA folding back to 200mA.
In systems where it is possible to exceed the current limit
for a short amount of time, it might be necessary to
prevent the analog current loop from responding quickly
so the output voltage does not droop. This can be accom-
plished by adding an RC filter across the sense resistor as
shown in Figure 6. RF should be 20Ω or less to prevent
offset errors. A capacitor, CF, of 0.1µF gives a delay of
about 1.5
µs and a 1µF capacitor gives a delay of about
15
µs.
power path (Figure 1). The resistor R3 provides load
current fault detection and R6 prevents high frequency
oscillation in Q3.
When power is first applied to VAUXIN, the AUXGATE pin
pulls low. A low-to-high transition at the AUXON pin
initiates the AUXGATE ramp up (Figure 7). The AUXGATE
is pulled high by an internal 10
µA current source and the
pass transistor is allowed to turn on. As the auxiliary
controller does not have the foldback current limit feature
and timer control, the inrush supply current during power-
up is limited by ramping the gate of the pass transistor at
a controlled rate (dV/dt = 10
µA/C3) where C3 is the total
external capacitance between AUXGATE and ground.
With proper selection of the C3 capacitance value, the
inrush current (I = CLOAD • dV/dt = 10µA • CLOAD/C3) is
limited to a value less than the current limit set by the sense
resistor R3. This prevents the circuit breaker from tripping
during power-up. CLOAD is the total load capacitance on
the 3.3V auxiliary supply line. For example, for C3 = 10nF,
CLOAD = 470µF, R3 = 0.07Ω, ILIMIT = 0.7A, the inrush
current will be 0.47A < ILIMIT. The ramp-up time for
3.3VAUX output to reach its final value is equal to
t = (VAUXIN • C3)/10µA.
A high-to-low transition at the AUXON pin initiates a
AUXGATE ramp-down at a slope of –200
µA/C3 as the
AUXGATE is pulled to ground by an internal 200
µA current
source. This will allow the load capacitance on the supply
line to discharge while the AUXGATE pulls low to turn off
the external N-channel pass transistor.
APPLICATIO S I FOR ATIO
Figure 6. Delay in the Current Limit Loop
4
3
2
1
5VIN
R1
0.007
Ω
R4
10
Ω
R7
100
Ω
RF
20
Ω
Q1
IRF7413
5VOUT
5A
CF
1
µF
C1
0.047
µF
17
16
15
18
* ADDITIONAL PINS
OMITTED FOR
CLARITY
LTC4241*
5VIN
5VSENSE
GATE 5VOUT
Figure 7. Power-Up/Down Sequence for 3.3V Auxiliary Supply
Power-Up/Down Sequence for 3.3V Auxiliary Supply
The 3.3V auxiliary supply is controlled by placing an
external N-channel pass transistor Q3 in the 3.3VAUX
AUXON
2V/DIV
AUXGATE
5V/DIV
3.3VAUX
2V/DIV
5ms/DIV
4241 F07



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com