Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4241IGN Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4241IGN
Description  PCI-Bus with 3.3V Auxiliary Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4241IGN Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4241IGN Datasheet HTML 8Page - Linear Technology LTC4241IGN Datasheet HTML 9Page - Linear Technology LTC4241IGN Datasheet HTML 10Page - Linear Technology LTC4241IGN Datasheet HTML 11Page - Linear Technology LTC4241IGN Datasheet HTML 12Page - Linear Technology LTC4241IGN Datasheet HTML 13Page - Linear Technology LTC4241IGN Datasheet HTML 14Page - Linear Technology LTC4241IGN Datasheet HTML 15Page - Linear Technology LTC4241IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC4241
16
sn4241 4241f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 q FAX: (408) 434-0507 q www.linear.com
©LINEAR TECHNOLOGY CORPORATION 2002
LT/TP 0303 2K • PRINTED IN USA
RELATED PARTS
TYPICAL APPLICATIO
PART NUMBER
DESCRIPTION
COMMENTS
LTC1421
2-Channel Hot Swap Controller
Operates from 3V to 12V and Supports –12V
LTC1422
Hot Swap Controller in SO-8
System Reset Output with Programmable Delay
LT1641-1/LT1641-2
High Voltage Hot Swap Controller
Operates from 9V to 80V, SO-8 Package, Latch Off/Auto Retry
LTC1642
Fault Protected Hot Swap Controller
Operates Up to 16.5V, Protected to 33V
LTC1643AL/LTC1643AL-1/LTC1643AH
PCI-Bus Hot Swap Controller
3.3V, 5V and
±12V in Narrow 16-Pin SSOP Package
LTC1644
CompactPCI Bus Hot Swap Controller
3.3V, 5V and
±12V, 1V Precharge, Local PCI Logic
LTC1645
2-Channel Hot Swap Controller
Operates from 1.2V to 12V, Power Sequencing
LTC1646
CompactPCI Dual Hot Swap Controller
3.3V and/or 5V Supplies, 1V Precharge, Local PCI Reset Logic
LTC1647-1/LTC1647-2/LTC1647-3
Dual Hot Swap Controllers
Operates from 2.7V to 16.5V
LTC4211
Single Channel, Hot Swap Controller
2.5V to 16.5V Operation, Multilevel Current Control,
MSOP Package
LTC4230
Triple Channel, Hot Swap Controller
1.7V to 16.5V Operation, Multilevel Current Control
LT4250L/LT4250H
– 48V Hot Swap Controller in S0-8
Operates from –20V to –80V, Active Current Limiting
LTC4251
–48V Hot Swap Controller in S0T-23
–48V Hot Swap Controller, Active Current Limiting
LTC4252
–48V Hot Swap Controller in MSOP
Active Current Limiting With Drain Acceleration
LTC4253
–48V Hot Swap Controller and Sequencer
Active Current Limiting With Drain Acceleration and Three
Sequenced Power Good Outputs
LTC4350
Hot Swappable Load Share Controller
Output Voltages from 1.5V to 12V
Figure 9. System Without 3.3V Supply
4
3
2
1
AUXIN AUXSENSE
AUXGATE 3VIN
5VIN 3VSENSE5VSENSE GATE 3VOUT 5VOUT
GND
12VIN
VEEIN
AUXON
ON
FAULT
PWRGD
C3
10nF
R6
10
Ω
C1
0.047
µF
C2
0.1
µF
R4
10
Ω
R3
0.07
Ω
R1
0.007
Ω
4
3
2
1
R7
100
Ω
R8 10k
R9 10k
LTC4241
8
1
2
12
5
6
7
20
19
4
11
10
9
13
17
14
16
15
3
18
PCI
POWER
SYSTEM
CONTROLLER
SYSTEM
POWER
SUPPLY
BACKPLANE
CONNECTOR
GND
5V
5A
3.3VAUX
500mA
12V
500mA
–12V
100mA
Q1
IRF7413
Q3
Si4412ADY
4241 F09
12VOUT
VEEOUT
TIMER
CompactPCI is a trademark of the PCI Industrial Computer Manufactures Group
ThinSOT is a trademark of Linear Technology Corporation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com