Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4241IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4241IGN
Description  PCI-Bus with 3.3V Auxiliary Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4241IGN Datasheet(HTML) 3 Page - Linear Technology

  LTC4241IGN Datasheet HTML 1Page - Linear Technology LTC4241IGN Datasheet HTML 2Page - Linear Technology LTC4241IGN Datasheet HTML 3Page - Linear Technology LTC4241IGN Datasheet HTML 4Page - Linear Technology LTC4241IGN Datasheet HTML 5Page - Linear Technology LTC4241IGN Datasheet HTML 6Page - Linear Technology LTC4241IGN Datasheet HTML 7Page - Linear Technology LTC4241IGN Datasheet HTML 8Page - Linear Technology LTC4241IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LTC4241
3
sn4241 4241f
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2 : All currents into device pins are positive; all currents out of device
pins are negative. All voltages are referenced to ground unless otherwise
specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
∆VGATE
External Gate Voltage
(V12VIN – VGATE)
q
100
200
mV
VDROP
Internal Switch Voltage Drop
(V12VIN – V12VOUT), I12VOUT = 500mA
q
200
600
mV
(VEEOUT – VVEEIN), IVEEIN = 100mA
q
120
250
mV
ICL(12)
Current Limit
12VIN = 12V, 12VOUT = 0V, TIMER = GND
q
–50
–300
–575
mA
12VIN = 12V, 12VOUT = 11V, TIMER = GND
q
–525
–850
–1500
mA
ICL(VEE)
Current Limit
VEEIN = –12V, VEEOUT = 0V, TIMER = GND
q
50
200
425
mA
VEEIN = –12V, VEEOUT = –11V, TIMER = GND
q
250
450
750
mA
TTS
Thermal Shutdown Temperature
150
°C
VPG(TH)
Power Good Threshold Voltage
V12VOUT Rising
q
10.8
11.1
11.4
V
VVEEOUT Falling
q
–10.2
–10.5
–10.8
V
V3VOUT Rising
q
2.8
2.9
3.0
V
V5VOUT Rising
q
4.5
4.65
4.78
V
VPGH
Power Good Hysteresis
3VOUT
20
mV
5VOUT
30
mV
12VOUT, VEEOUT
50
mV
VIL
Input Low Voltage
ON, AUXON
q
0.8
V
VIH
Input High Voltage
ON, AUXON
q
2V
VOL
Output Low Voltage
FAULT, PWRGD , IOL = 3mA
q
0.4
V
IIN
AUXON Pin Input Current
AUXON = GND
q
±0.08
±10
µA
AUXON = VAUXIN
q
±0.08
±10
µA
ON Pin Input Current
ON = GND
q
±0.08
±10
µA
ON = V12VIN
q
±0.08
±10
µA
5VSENSE Input Current
5VSENSE = 5V
q
50
100
µA
3VSENSE Input Current
3VSENSE = 3V
q
50
100
µA
5VIN Input Current
5VIN = 5V
q
580
900
µA
3VIN Input Current
3VIN = 3V
q
310
550
µA
5VOUT Input Current
5VOUT = 5V, ON = V12VIN
q
260
500
µA
3VOUT Input Current
3VOUT = 3V, ON = V12VIN
q
150
350
µA
RDIS
5VOUT Discharge Impedance
ON = GND
60
Ω
3VOUT Discharge Impedance
ON = GND
50
Ω
12VOUT Discharge Impedance
ON = GND
450
Ω
VEEOUT Discharge Impedance
ON = GND
1600
Ω
ITIMER
TIMER Pin Current
Timer On, VTIMER = GND,
q
–15
–22
–27
µA
Timer Off, VTIMER = 5V,
45
mA
VTIMER
TIMER Threshold Voltage
(V12VIN – VTIMER)
q
0.5
0.9
1.3
V
VAUXCB
Circuit Breaker Trip Voltage
(VAUXIN – VAUXSENSE)
q
40
50
60
mV
IAUXGATE
AUXGATE Gate Output Current
AUXON High, FAULT High, VAUXGATE = GND
q
–6
–10
–14
µA
AUXON Low, FAULT High, VAUXGATE = 5V
200
µA
AUXON High, FAULT Low, VAUXGATE = 10V
50
mA
∆VAUXGATE
External AUXGATE Gate Voltage
(VAUXGATE – VAUXIN), VAUXIN = 3.3V
q
58
11
V
Note 3 : An internal zener on the AUXGATE pin clamps the charge pump
voltage to a typical maximum operating voltage of 12V. External overdrive
of the AUXGATE pin beyond the internal zener voltage may damage the
device.
DC ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V12VIN = 12V, VVEEIN = –12V, V3VIN = 3.3V, V5VIN = 5V,
VAUXIN = 3.3V. (Note 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com