Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4241IGN Datasheet(PDF) 4 Page - Linear Technology

Part # LTC4241IGN
Description  PCI-Bus with 3.3V Auxiliary Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4241IGN Datasheet(HTML) 4 Page - Linear Technology

  LTC4241IGN Datasheet HTML 1Page - Linear Technology LTC4241IGN Datasheet HTML 2Page - Linear Technology LTC4241IGN Datasheet HTML 3Page - Linear Technology LTC4241IGN Datasheet HTML 4Page - Linear Technology LTC4241IGN Datasheet HTML 5Page - Linear Technology LTC4241IGN Datasheet HTML 6Page - Linear Technology LTC4241IGN Datasheet HTML 7Page - Linear Technology LTC4241IGN Datasheet HTML 8Page - Linear Technology LTC4241IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
LTC4241
4
sn4241 4241f
3.3V and 5V Current
Foldback Profile
12V Current Foldback Profile
–12V Current Foldback Profile
5VIN Current Limit Voltage
vs Temperature
3VIN Current Limit Voltage
vs Temperature
12VIN Current Limit
vs Temperature
VEEIN Current Limit
vs Temperature
(VAUXIN – VAUXSENSE)
Circuit Breaker Trip Voltage
vs Temperature
GATE, AUXGATE Output Source
Current vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
OUTPUT VOLTAGE (V)
0.5
12
10
8
6
4
2
0
2.5
1.5
3.5
4.5
4241 • G01
5.5
3VOUT
5VOUT
3VIN = 3.3V
5VIN = 5V
RSENSE = 0.005Ω
OUTPUT VOLTAGE (V)
0
1
2
3
4
5
6
7
8
9 10 11 12
1100
1000
900
800
700
600
500
400
300
200
100
0
4241 • G02
12VIN = 12V
OUTPUT VOLTAGE (V)
0 –1 –2 –3 –4 –5 –6 –7 –8 –9 –10 –11 –12
1100
1000
900
800
700
600
500
400
300
200
100
0
4241 • G03
VEEIN = –12V
TEMPERATURE (
°C)
–75 –50 –25
25
50
0
70
60
50
40
30
20
10
0
4241 • G05
125 150
75 100
3VOUT = 3.3V
3VOUT = 0V
TEMPERATURE (
°C)
–75 –50 –25
25
50
0
1200
1000
800
600
400
200
0
4241 • G06
125 150
75 100
12VOUT = 11V
12VOUT = 0V
TEMPERATURE (
°C)
–75 –50 –25
25
50
0
600
500
400
300
200
100
0
4241 • G07
125 150
75 100
VEEOUT = –11V
VEEOUT = 0V
TEMPERATURE (
°C)
–75 –50 –25
25
50
0
55
54
53
52
51
50
49
48
47
46
45
4241 • G08
125 150
75 100
TEMPERATURE (
°C)
–75 –50 –25
25
50
0
90
80
70
60
50
40
30
20
10
12.5
12.0
11.5
11.0
10.5
10.0
9.5
9.0
8.5
4241 • G09
125 150
75 100
GATE
AUXGATE
TEMPERATURE (
°C)
–75 –50 –25
25
50
0
70
60
50
40
30
20
10
0
4241 • G04
125 150
75 100
5VOUT = 5V
5VOUT = 0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com