Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4241IGN Datasheet(PDF) 12 Page - Linear Technology

Part # LTC4241IGN
Description  PCI-Bus with 3.3V Auxiliary Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4241IGN Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC4241IGN Datasheet HTML 8Page - Linear Technology LTC4241IGN Datasheet HTML 9Page - Linear Technology LTC4241IGN Datasheet HTML 10Page - Linear Technology LTC4241IGN Datasheet HTML 11Page - Linear Technology LTC4241IGN Datasheet HTML 12Page - Linear Technology LTC4241IGN Datasheet HTML 13Page - Linear Technology LTC4241IGN Datasheet HTML 14Page - Linear Technology LTC4241IGN Datasheet HTML 15Page - Linear Technology LTC4241IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LTC4241
12
sn4241 4241f
For CTIMER = 0.1µF, the timer period will be ~50ms. The
TIMER pin is immediately pulled low when ON goes low.
Thermal Shutdown
The internal switches for the 12V and –12V supplies are
protected by an internal current limit and thermal shut-
down circuit. When the temperature of the chip reaches
150
°C, only the switches controlling the PCI supplies will
be latched off and the FAULT pin will be pulled low.
Short-Circuit Protection for PCI Power Supplies
During a normal power-up sequence for the PCI power
supplies, if the TIMER is done ramping and any supply is
still in current limit, all of the pass transistors will be
immediately turned off, the TIMER and FAULT pin will be
pulled low as shown in Figure 4.
spikes — for example, from a fan turning on — from
causing false trips of the circuit breaker. The chip will stay
in the latched-off state until the ON pin is cycled low then
high, or the 12VIN supply is cycled.
To prevent excessive power dissipation in the pass tran-
sistors and to prevent voltage spikes on the supplies
during short-circuit conditions, the current limit on each
PCI supply, except the 3.3V auxiliary supply, is designed
to be a function of the output voltage. As the output voltage
drops, the current limit decreases. Unlike a traditional
circuit breaker function where huge currents can flow
before the breaker trips, the current foldback feature
assures that the supply current will be kept at a safe level
and prevent voltage glitches when powering up into a
short.
APPLICATIO S I FOR ATIO
If a short-circuit occurs after the PCI supplies are powered
up, the shorted supply’s current will drop immediately to
the limit value (Figure 5).
If the supply remains in current limit for more than 17
µs,
all of the PCI supplies except the 3.3V auxiliary supply will
be latched off. The 17
µs delay prevents quick current
Figure 4. Power-Up into a Short on 3.3V Output
Figure 5. Short-Circuit on 5V Followed by Circuit Breaker Reset
The current limit and the foldback current level for the 5V
and 3.3V outputs are both a function of the external sense
resistor (R1 for 5VOUT and R2 for 3VOUT, see Figure 1). As
shown in Figure 1, a sense resistor is connected between
5VIN and 5VSENSE for the 5V supply. For the 3V supply, a
sense resistor is connected between 3VIN and 3VSENSE.
ON
10V/DIV
TIMER
10V/DIV
GATE
10V/DIV
PWRGD
10V/DIV
5VOUT 5V/DIV
3VOUT 5V/DIV
12VOUT
5V/DIV
VEEOUT
5V/DIV
FAULT
10V/DIV
20ms/DIV
4241 F04
ON
10V/DIV
TIMER
10V/DIV
GATE
10V/DIV
PWRGD
10V/DIV
5VOUT 5V/DIV
3VOUT 5V/DIV
12VOUT
5V/DIV
VEEOUT
5V/DIV
FAULT
10V/DIV
20ms/DIV
4241 F05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com