Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4241IGN Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4241IGN
Description  PCI-Bus with 3.3V Auxiliary Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4241IGN Datasheet(HTML) 5 Page - Linear Technology

  LTC4241IGN Datasheet HTML 1Page - Linear Technology LTC4241IGN Datasheet HTML 2Page - Linear Technology LTC4241IGN Datasheet HTML 3Page - Linear Technology LTC4241IGN Datasheet HTML 4Page - Linear Technology LTC4241IGN Datasheet HTML 5Page - Linear Technology LTC4241IGN Datasheet HTML 6Page - Linear Technology LTC4241IGN Datasheet HTML 7Page - Linear Technology LTC4241IGN Datasheet HTML 8Page - Linear Technology LTC4241IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4241
5
sn4241 4241f
TYPICAL PERFOR A CE CHARACTERISTICS
GATE, AUXGATE Output Sink
Current vs Temperature
GATE, AUXGATE Fast Pull-Down
Current vs Temperature
(VAUXGATE – VAUXIN)
vs Temperature
AUXGATE Voltage vs Temperature
12V Internal Switch Voltage Drop
vs Temperature
VEE Internal Switch Voltage Drop
vs Temperature
Power Good Threshold Voltage
vs Temperature (12VOUT)
Power Good Threshold Voltage
vs Temperature (3VOUT)
Power Good Threshold Voltage
vs Temperature (5VOUT)
TEMPERATURE (
°C)
–75 –50 –25
25
50
0
350
300
250
200
150
100
50
4241 • G10
125 150
75 100
GATE
AUXGATE
TEMPERATURE (
°C)
–75 –50 –25
25
50
0
80
70
60
50
40
30
20
10
0
4241 • G11
125 150
75 100
AUXGATE
GATE
TEMPERATURE (
°C)
–75 –50 –25
25
50
0
8.20
8.15
8.10
8.05
8.00
7.95
7.90
7.85
7.80
7.75
4241 • G12
125 150
75 100
AUXIN = 3.3V
TEMPERATURE (
°C)
–75 –50 –25
25
50
0
11.75
11.60
11.45
11.30
11.15
11.00
10.85
10.70
4241 • G13
125 150
75 100
TEMPERATURE (
°C)
–75 –50 –25
25
50
0
325
300
275
250
225
200
175
150
125
100
4241 • G14
125 150
75 100
I12VOUT = 500mA
TEMPERATURE (
°C)
–75 –50 –25
25
50
0
200
180
160
140
120
100
80
60
40
4241 • G15
125 150
75 100
IVEEIN = 100mA
TEMPERATURE (
°C)
–75 –50 –25
25
50
0
11.20
11.15
11.10
11.05
11.00
10.95
10.90
4241 • G16
125 150
75 100
TEMPERATURE (
°C)
–75 –50 –25
25
50
0
4.68
4.67
4.66
4.65
4.64
4.63
4.62
4.61
4.60
4241 • G17
125 150
75 100
TEMPERATURE (
°C)
–75 –50 –25
25
50
0
2.915
2.910
2.905
2.900
2.895
2.890
2.885
2.880
2.875
4241 • G18
125 150
75 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com