Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4241IGN Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4241IGN
Description  PCI-Bus with 3.3V Auxiliary Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4241IGN Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4241IGN Datasheet HTML 4Page - Linear Technology LTC4241IGN Datasheet HTML 5Page - Linear Technology LTC4241IGN Datasheet HTML 6Page - Linear Technology LTC4241IGN Datasheet HTML 7Page - Linear Technology LTC4241IGN Datasheet HTML 8Page - Linear Technology LTC4241IGN Datasheet HTML 9Page - Linear Technology LTC4241IGN Datasheet HTML 10Page - Linear Technology LTC4241IGN Datasheet HTML 11Page - Linear Technology LTC4241IGN Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LTC4241
8
sn4241 4241f
PI FU CTIO S
a constant voltage across the sense resistor and a
constant current through the switch. A foldback feature
makes the current limit decrease as the voltage at the
3VOUT pin approaches ground. To disable the current limit,
3VSENSE and 3VIN can be shorted together.
GATE (Pin 15): High Side Gate Drive for the 3.3V and 5V
PCI Supplies External N-channel MOSFETs. Requires an
external series RC network for the current limit loop
compensation and setting the minimum ramp-up rate.
During power-up, the slope of the voltage rise at the GATE
is set by the internal 60
µA pull up current source and the
external GATE capacitor connected to ground. During
power-down, the slope of the falling voltage is set by the
200
µA current source connected to ground and the exter-
nal GATE capacitor.
5VSENSE (Pin 16): 5V Current Limit Set Pin. With a sense
resistor placed in the supply path between 5VIN and
5VSENSE, the GATE pin voltage will be adjusted to maintain
a constant voltage across the sense resistor and a con-
stant current through the switch. A foldback feature makes
the current limit decrease as the voltage at the 5VOUT pin
approaches ground. To disable the current limit, 5VSENSE
and 5VIN can be shorted together.
5VIN (Pin 17): 5V Supply Sense Input. Used to monitor the
5V input supply voltage. An undervoltage lockout circuit
prevents the switches from turning on when the voltage at
the 5VIN pin is less than 3.9V.
5VOUT (Pin 18): 5V Output Monitor. Used to monitor the
5V output supply voltage. The PWRGD signal cannot go
low until the 5VOUT pin exceeds 4.65V.
VEEOUT (Pin 19): –12V Supply Output. A 1.2Ω switch is
connected between VEEIN and VEEOUT. VEEOUT must
fall below –10.5V before the PWRGD signal can go low on
the LTC4241.
12VOUT (Pin 20): 12V Supply Output. A 0.5Ω switch is
connected between 12VIN and 12VOUT. 12VOUT must
exceed 11.1V before the PWRGD signal can go low on the
LTC4241



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com