Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4241IGN Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4241IGN
Description  PCI-Bus with 3.3V Auxiliary Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4241IGN Datasheet(HTML) 1 Page - Linear Technology

  LTC4241IGN Datasheet HTML 1Page - Linear Technology LTC4241IGN Datasheet HTML 2Page - Linear Technology LTC4241IGN Datasheet HTML 3Page - Linear Technology LTC4241IGN Datasheet HTML 4Page - Linear Technology LTC4241IGN Datasheet HTML 5Page - Linear Technology LTC4241IGN Datasheet HTML 6Page - Linear Technology LTC4241IGN Datasheet HTML 7Page - Linear Technology LTC4241IGN Datasheet HTML 8Page - Linear Technology LTC4241IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4241
1
sn4241 4241f
FEATURES
APPLICATIO S
DESCRIPTIO
TYPICAL APPLICATIO
s
Allows Safe Board Insertion and Removal from a
Live PCI Slot
s
Controls 3.3V, 5V, –12V, 12V and 3.3V Auxiliary
Supplies
s
Independent 3.3V Auxiliary Supply Hot Swap
TM
Controller
s
Adjustable Foldback Current Limit with Circuit
Breaker
s
Adjustable Supply Voltage Power-Up Rate
s
High Side Drive for External N-Channel FETs
s
–12V and 12V On-Chip Switches
s
Fault and Power Good Outputs
PCI-Bus with 3.3V Auxiliary
Hot Swap Controller
The LTC
®4241 is a Hot Swap controller that allows a board
to be safely inserted and removed from a live PCI-bus slot.
It has a primary controller that controls the four PCI
supplies and an independent auxiliary controller to control
the 3.3V auxiliary supply. External N-channel transistors
are used to control the 3.3V, 5V and 3.3V auxiliary supplies
while on-chip switches control the –12V and 12V supplies.
The 3.3V, 5V and 3.3V auxiliary supplies can be ramped up
at an adjustable rate. Electronic circuit breakers protect all
five supplies against overcurrent faults. The foldback
current limit feature reduces current spikes and power
dissipation when shorts occur. The PWRGD output of the
primary controller indicates when all four PCI supplies are
within tolerance. The FAULT output indicates an overcurrent
condition for any of the five supplies.
The LTC4241 is available in the 20-pin narrow SSOP
package.
, LTC and LT are registered trademarks of Linear Technology Corporation.
Hot Swap is a trademark of Linear Technology Corporation.
s
PCI-Based Servers
s
Computer Systems
AUXIN AUXSENSE AUXGATE 3VIN 3VSENSE GATE
3VOUT
5VIN 5VSENSE 5VOUT
GND
12VIN
VEEIN
AUXON
ON
FAULT
PWRGD
C3
10nF
R6
10
Ω
C1
0.047
µF
C2
0.1
µF
R5
10
Ω
R3
0.07
Ω
R2
0.005
Ω
R4
10
Ω
R7
100
Ω
R1
0.007
Ω
LOGIC
RESET
R8 10k
R9 10k
LTC4241
8
1
2
12
5
6
7
20
19
4
11
10
9
13
14
15
3
17
16
18
PCI
POWER
SYSTEM
CONTROLLER
SYSTEM
POWER
SUPPLY
BACKPLANE
CONNECTOR
GND
5V
5A
3.3V
7.6A
3.3VAUX
500mA
12V
500mA
–12V
100mA
Q1
IRF7413
Q2
IRF7413
Q3
Si2306DS
4241 F01
12VOUT
VEEOUT
TIMER
RESET
Figure 1. Hot Swappable PCI and 3.3V Auxiliary Supplies


Similar Part No. - LTC4241IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4241 LINER-LTC4241_15 Datasheet
285Kb / 16P
PCI-Bus with 3.3V Auxiliary Hot Swap Controller
More results

Similar Description - LTC4241IGN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1643L LINER-LTC1643L Datasheet
225Kb / 16P
PCI-Bus Hot Swap Controller
LTC1643AL LINER-LTC1643AL Datasheet
251Kb / 16P
PCI-Bus Hot Swap Controller
logo
Micrel Semiconductor
MIC2580A MICREL-MIC2580A_05 Datasheet
258Kb / 21P
Hot-Swap PCI Power Controller
logo
Linear Technology
LTC1643AH LINER-LTC1643AH_15 Datasheet
242Kb / 16P
PCI-Bus Hot Swap Controller
LTC1643AL LINER-LTC1643AL_15 Datasheet
242Kb / 16P
PCI-Bus Hot Swap Controller
LTC1643AL-1 LINER-LTC1643AL-1_15 Datasheet
242Kb / 16P
PCI-Bus Hot Swap Controller
LTC1643H LINER-LTC1643H_15 Datasheet
288Kb / 16P
PCI-Bus Hot Swap Controller
LTC1643L LINER-LTC1643L_15 Datasheet
288Kb / 16P
PCI-Bus Hot Swap Controller
LTC1643L-1 LINER-LTC1643L-1_15 Datasheet
288Kb / 16P
PCI-Bus Hot Swap Controller
LTC4241 LINER-LTC4241_15 Datasheet
285Kb / 16P
PCI-Bus with 3.3V Auxiliary Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com