Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4241IGN Datasheet(PDF) 14 Page - Linear Technology

Part # LTC4241IGN
Description  PCI-Bus with 3.3V Auxiliary Hot Swap Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4241IGN Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC4241IGN Datasheet HTML 8Page - Linear Technology LTC4241IGN Datasheet HTML 9Page - Linear Technology LTC4241IGN Datasheet HTML 10Page - Linear Technology LTC4241IGN Datasheet HTML 11Page - Linear Technology LTC4241IGN Datasheet HTML 12Page - Linear Technology LTC4241IGN Datasheet HTML 13Page - Linear Technology LTC4241IGN Datasheet HTML 14Page - Linear Technology LTC4241IGN Datasheet HTML 15Page - Linear Technology LTC4241IGN Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC4241
14
sn4241 4241f
Table 4. N-Channel Power MOSFET Selection Guide
CURRENT
PART NUMBER
PACKAGE
VDS MAX
VGSMAX
RDS(on)
MANUFACTURER
RATING
8.0A
Si4412ADY
SO-8
30V
±20V
0.024
Ω
Vishay-Siliconix
3.5A
Si2306DS
SOT-23
30V
±20V
0.057
Ω
Vishay-Siliconix
10A
Si4410DY
SO-8
30V
±20V
0.013
Ω
Vishay-Siliconix
13A
IRF7413
SO-8
30V
±20V
0.011
Ω
International Rectifier
2.7A
FDN 359AN
SOT-23
30V
±20V
0.046
Ω
Fairchild Semiconductor
Electronic Circuit Breaker for 3.3V Auxiliary Supply
An electronic circuit breaker is used to protect against
excessive load current and short-circuits on the 3.3V
auxiliary supply. The load current is monitored by placing
a sense resistor R3 between AUXIN and AUXSENSE as
shown in Figure 1. The circuit breaker trip threshold is
50mV and exhibits a response time of 8
µs. Unlike the PCI
supplies which use the current foldback limit with circuit
breaker during short-circuits, here the circuit breaker will
trip and immediately pull AUXGATE to ground if the
voltage between AUXIN and AUXSENSE exceeds 50mV for
more than 8
µs.TheexternalN-channeltransistoristurned
off and FAULT is pulled low. The circuit breaker is reset
when AUXON is cycled low then high, or the AUXIN supply
is cycled. If the circuit breaker feature is not required, the
AUXSENSE pin can be shorted to AUXIN.
The trip current of the circuit breaker is set by:
ITRIP = 50mV/R3
As a design aid, the trip current for commonly used values
for R3 is given in Table 3.
Table 3. ITRIP vs R3
R3 (
Ω)ITRIP
0.05
1A
0.06
833mA
0.07
714mA
0.08
625mA
0.09
556mA
0.1
500mA
If more than 8
µs of response time is needed to reject
supply current ripple noise, an external resistor, RF, of
20
Ω and capacitor, CF, of 1µF (Figure 6) can be added to
the AUXSENSE circuit. This will give a delay of 15
µs.
Supply Bypass Capacitors
In motherboard applications, large bypass capacitors are
recommended at each of the system power supplies to
minimize supply glitches as a result of board insertion. A
supply bypass capacitor of
≥100µF at 12VIN connection is
recommended.
APPLICATIO S I FOR ATIO
Figure 8. Making PCB Connections to
the Sense Resistor for the 5V Rail
SENSE RESISTOR
CURRENT FLOW
FROM SUPPLY
CURRENT FLOW
TO LOAD
5VIN
5VSENSE
TRACK WIDTH W:
0.03" PER AMPERE
ON 1 OZ COPPER FOIL
W
4241 F08
PCB Layout Considerations for the Sense Resistor
For proper circuit breaker operation, 4-wire Kelvin-sense
connections between the sense resistor and the LTC4241’s
5VIN and 5VSENSE pins, 3VIN and 3VSENSE pins and AUXIN
and AUXSENSE pins are strongly recommended. The
drawing in Figure 8 illustrates the correct way of making
connections between the LTC4241 and the sense resistor.
PCB layout should be balanced and symmetrical to mini-
mize wiring errors. In addition, the PCB layout for the
sense resistors and the power MOSFETs should include
good thermal management techniques for optimal sense
resistor power dissipation.
Power MOSFET and Sense Resistor Selection
Table 4 lists some available N-channel power MOSFETs .
Table 5 lists some current sense resistors that can be used
with the LTC4241’s circuit breakers. Table 6 lists the
supplier web site addresses for discrete components
mentioned throughout this datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com