Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 37 Page - Texas Instruments

Part # TMS320VC5421
Description  DIGITAL SIGNAL PROCESSOR
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5421 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 33Page - Texas Instruments TMS320VC5421 Datasheet HTML 34Page - Texas Instruments TMS320VC5421 Datasheet HTML 35Page - Texas Instruments TMS320VC5421 Datasheet HTML 36Page - Texas Instruments TMS320VC5421 Datasheet HTML 37Page - Texas Instruments TMS320VC5421 Datasheet HTML 38Page - Texas Instruments TMS320VC5421 Datasheet HTML 39Page - Texas Instruments TMS320VC5421 Datasheet HTML 40Page - Texas Instruments TMS320VC5421 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 88 page
background image
TMS320VC5421
DIGITAL SIGNAL PROCESSOR
SPRS098 – DECEMBER 1999
37
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
general-purpose I/O
In addition to the A_XF and B_XF pins, the ’5421 has eight general-purpose I/O pins. These pins are:
A_GPIO0, A_GPIO1, A_GPIO2, A_GPIO3
B_GPIO0, B_GPIO1, B_GPIO2, B_GPIO3
Four general-purpose I/O pins are available to each core. Each GPIO pin can be individually selected as either
an input or an output. Additionally, the timer output is selectable on GPIO pin 3. At core reset, all GPIO pins are
configured as inputs. GPIO data and control bits are accessible through a memory-mapped register at 3Ch with
the format shown in Figure 18.
15
14
13
12
11
10
987
6
5
43210
TOUT
Reserved
GPIO
DIR3
GPIO
DIR2
GPIO
DIR1
GPIO
DIR0
ROM
EN
CORE
SEL
XIO
GRAN
T
XIO
REQ
GPIO
DAT3
GPIO
DAT2
GPIO
DAT1
GPIO
DAT0
R/W
R/W
R/W
R/W
R/W
R/W
R
R
R/W,
R/W,
R/W,
R/W,
R/W,
+0
+0
+0
+0
+0
+0
+0
+0
+0
+0
+0
+0
Note:
R = Read, W = Write, +0 = Value at reset
Figure 18. General-Purpose I/O Control Register
Table 13. General-Purpose I/O Control Register Bit Functions
BIT
NO.
BIT
NAME
BIT
VALUE
FUNCTION
15
TOUT
0
Timer output disable. Uses GPIO3 as general-purpose I/O.
15
TOUT
1
Timer output enable. Overrides DIR3. Timer output is driven on GPIO3 and readable in DAT3.
14-12
Reserved
X
Register bit is reserved. Read 0, write has no effect.
11 8
GPIO
0
GPIOn pin is used as an input.
11–8
GPIO
DIRn†
1
GPIOn pin is used as an output.
7
ROMEN
0
ROM is mapped out
7
ROMEN
1
ROM is mapped in
6
CORE
0
cLEAD core A is selected for XIO REQ bit. DSP subsystem A is tied low internally for this bit.
6
CORE
SEL
1
cLEAD core B is selected for XIO REQ bit. DSP subsystem B is tied high internally for this bit.
5
XIO
0
EMIF is not available to the cLEAD core determined by the CORE SEL bit.
5
XIO
GRANT
1
EMIF is granted to the cLEAD core determined by the CORE SEL bit.
4
XIO
0
EMIF is not requested for the cLEAD core indicated by the CORE SEL bit.
4
XIO
REQ
1
Request EMIF for the cLEAD core indicated by the CORE SEL bit.
30
GPIO
0
GPIOn is driven with a 0 (DIRn = 1). GPIOn is read as 0 (DIRn = 0).
3–0
GPIO
DATn†
1
GPIOn is driven with a 1 (DIRn = 1). GPIOn is read as 1 (DIRn = 0).
† n = 3, 2, 1, or 0
Register bit 7 is used as ROMEN to enable and disable ROM space. In XIO mode, ROM enable (ROMEN)
reflects the state of the A_GPIO0 and B_GPIO0 pins (GPIODAT0 input) to enable the applicable on-chip ROM
after reset. Register bits (6:4) are used for XIO arbitration of external memory interface (EMIF) control between
DSP subsystems. The timer out (TOUT) bit is used to multiplex the output of the timer and GPIO3. All GPIO
pins are programmable as an input or output by the direction bit (DIRn). Data is either driven or read from the
data bit field (DATn). DIR3 has no affect when TOUT = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com