Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 27 Page - Texas Instruments

Part # TMS320VC5421
Description  DIGITAL SIGNAL PROCESSOR
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5421 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 23Page - Texas Instruments TMS320VC5421 Datasheet HTML 24Page - Texas Instruments TMS320VC5421 Datasheet HTML 25Page - Texas Instruments TMS320VC5421 Datasheet HTML 26Page - Texas Instruments TMS320VC5421 Datasheet HTML 27Page - Texas Instruments TMS320VC5421 Datasheet HTML 28Page - Texas Instruments TMS320VC5421 Datasheet HTML 29Page - Texas Instruments TMS320VC5421 Datasheet HTML 30Page - Texas Instruments TMS320VC5421 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
TMS320VC5421
DIGITAL SIGNAL PROCESSOR
SPRS098 – DECEMBER 1999
27
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
multichannel buffered serial port (McBSP)
The ’5421 device provides high-speed, full-duplex serial ports that allow direct interface to other ’C54x/’LC54x
devices, codecs, and other devices in a system. There are six multichannel buffered serial ports (McBSPs) on
board (three per subsystem).
The McBSP provides:
D Full-duplex communication
D Double-buffer data registers, which allow a continuous data stream
D Independent framing and clocking for receive and transmit
In addition, the McBSP has the following capabilities:
D Direct interface to:
–
T1/E1 framers
–
MVIP switching-compatible and ST-BUS compliant devices
–
IOM-2 compliant device
–
AC97-compliant device
–
Serial port interface (SPI
t)
D Multichannel transmit and receive of up to 128 channels
D A wide selection of data sizes, including: 8, 12, 16, 20, 24, or 32 bits
D µ-law and A-law companding
D Programmable polarity for both frame synchronization and data clocks
D Programmable internal clock and frame generation
The ’5421 McBSPs have been enhanced to provide more flexibility in the choice of the sample rate generator
input clock source. On previous C5000 devices, the McBSP sample rate input clock can be driven from one of
two possible choices: the internal CPU clock , or the external CLKS pin. However, most C5000 devices have
only the internal CPU clock as a possible source because the CLKS pin is not implemented on most device
packages.
To accomodate applications that require an external reference clock for the sample rate generator, the ’5421
McBSPs allow either the receive clock pin (BCLKR) or the transmit clock pin (BCLKX) to be configured as the
input clock to the sample rate generator. This enhancement is enabled through two register bits: pin control
register (PCR) bit 7 – enhanced sample clock mode (SCLKME), and sample rate generator register 2 (SRGR2)
bit 13 – McBSP sample rate generator clock mode (CLKSM). SCLKME is an addition to the PCR contained in
the McBSPs on previous C5000 devices. The new bit layout of the PCR is shown in Figure 8. For a description
of the remaining bits, see
TMS320C54x DSP Reference Set, Volume 5: Enhanced Peripherals (literature
number SPRU302).
15
14
13
12
11
10
9
8
Reserved
XIOEN
RIOEN
FSXM
FSRM
CLKXM
CLKRM
R,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
765
4
3
2
1
0
SCLKME
CLKS_STAT
DX_STAT
DR_STAT
FSXP
FSRP
CLKXP
CLKRP
RW,+0
R,+0
R,+0
R,+0
RW,+0
RW,+0
RW,+0
RW,+0
Note:
R = Read, W = Write, +0 = Value at reset
Figure 8. Pin Control Register (PCR)
SPI is a trademark of Motorola Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com