Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 19 Page - Texas Instruments

Part # TMS320VC5421
Description  DIGITAL SIGNAL PROCESSOR
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5421 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 15Page - Texas Instruments TMS320VC5421 Datasheet HTML 16Page - Texas Instruments TMS320VC5421 Datasheet HTML 17Page - Texas Instruments TMS320VC5421 Datasheet HTML 18Page - Texas Instruments TMS320VC5421 Datasheet HTML 19Page - Texas Instruments TMS320VC5421 Datasheet HTML 20Page - Texas Instruments TMS320VC5421 Datasheet HTML 21Page - Texas Instruments TMS320VC5421 Datasheet HTML 22Page - Texas Instruments TMS320VC5421 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 88 page
background image
TMS320VC5421
DIGITAL SIGNAL PROCESSOR
SPRS098 – DECEMBER 1999
19
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
data memory
The data memory space is a single page of 64K. Access is dependent on the address range. Access in the lower
32K of data memory is always from local DARAM.
Access in the upper 32K of data memory is dependent on the state of DROM.
D DROM = 0 – Data memory is accessed externally
D DROM = 1 – Data memory is accessed internally from local SARAM
I/O memory
The I/O space is a single page of 64K. Access is always external.
When XIO = 0 and an access to external memory is attempted, any write is ignored and any read is an unknown
value.
multicore reset signals
The ’5421 device includes three reset signals: A_RS, B_RS, and HPIRS. The A_RS and B_RS pins function
as the CPU reset signal for subsystem A and subsystem B, respectively. These signals reset the state of the
CPU registers and upon release, initiate the reset function. Additionally, the A_RS signal resets the on-chip PLL
and initializes the CLKMD register to bypass mode.
The HPI reset signal (HPIRS) places the HPI peripheral into a reset state. It is necessary to wait three clock
cycles after the rising edge of HPIRS before performing an HPI access. The HPIRS signal also resets the PLL
by turning off the PLL and initializing the CLKMD register to bypass mode.
bootloader
The on-chip bootloader is used to automatically transfer user code from an external source to anywhere in
program memory after reset. The XIO pin is sampled during a hardware reset and the results indicate the
operating mode as shown in Table 2.
Table 2. Bootloader Operating Modes
XIO
AFTER RESET
0
HPI mode, bootload is controlled by host. The external host holds the ’5421 in reset while it loads the on-chip
memory of one or both subsystems as determined by the SELA/B pin.
The host can release the ’5421 from reset by either of the following methods:
1.
If the RS_A/B pins are held low while HPIRS transitions from low to high, the subsystem cores reset will be
controlled by the RS_A/B pins. When the host has finished downloading code, it drives RS_A/B high to release
the cores from reset.
2.
If the RS_A/B pins are held high while HPIRS transitions from low to high, the subsystems stay in reset until
a HPI data write to address 0x2F occurs. This means the host can download code to subsystem A and then
release core A from reset by writing any data to core A address 0x2F via the HPI. The host can then repeat
the sequence for core B. This mode allows the host to control the ’5421 reset without additional hardware.
1
XIO mode. ROM is mapped in, if ROMEN pin = 1 during reset.
The ’5421 bootloader provides the following options for the source of code to download:
D Parallel from 8-bit or 16-bit-wide EPROM
D Serial boot from McBSPs, 8-bit mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com