Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMS320VC5421
Description  DIGITAL SIGNAL PROCESSOR
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5421 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 8Page - Texas Instruments TMS320VC5421 Datasheet HTML 9Page - Texas Instruments TMS320VC5421 Datasheet HTML 10Page - Texas Instruments TMS320VC5421 Datasheet HTML 11Page - Texas Instruments TMS320VC5421 Datasheet HTML 12Page - Texas Instruments TMS320VC5421 Datasheet HTML 13Page - Texas Instruments TMS320VC5421 Datasheet HTML 14Page - Texas Instruments TMS320VC5421 Datasheet HTML 15Page - Texas Instruments TMS320VC5421 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 88 page
background image
TMS320VC5421
DIGITAL SIGNAL PROCESSOR
SPRS098 – DECEMBER 1999
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Signal Descriptions (Continued)
NAME
DESCRIPTION
TYPE†
MULTICHANNEL BUFFERED SERIAL PORT 0, 1, AND 2 SIGNALS
A_BCLKR0‡§
B_BCLKR0‡§
A_BCLKR1‡§
B_BCLKR1‡§
A_BCLKR2‡§
B_BCLKR2‡§
I/O/Z
Receive clocks. BCLKR serves as the serial shift clock for the buffered serial-port receiver. Input from
an external clock source for clocking data into the McBSP. When not being used as a clock, these pins
can be used as general-purpose I/O by setting RIOEN = 1.
BCLKR can be configured as an output by the way of the CLKRM bit in the PCR register.
These pins are placed into the high-impedance state when OFF is low.
A_BCLKX0‡§
B_BCLKX0‡§
A_BCLKX1‡§
B_BCLKX1‡§
A_BCLKX2‡§
B_BCLKX2‡§
I/O/Z
Transmit clocks. Clock signal used to clock data from the transmit register. This pin can also be
configured as an input by setting the CLKXM = 0 in the PCR register. BCLKX can be sampled as an input
by way of the IN1 bit in the SPC register. When not being used as a clock, these pins can be used as
general-purpose I/O by setting XIOEN = 1.
These pins are placed into the high-impedance state when OFF is low.
A_BDR0
B_BDR0
A_BDR1
B_BDR1
A_BDR2
B_BDR2
I
Buffered serial data receive (input) pin. When not being used as data-receive pins, these pins can be
used as general-purpose I/O by setting RIOEN = 1.
A_BDX0
B_BDX0
A_BDX1
B_BDX1
A_BDX2
B_BDX2
O/Z
Buffered serial-port transmit (output) pin. When not being used as data-transmit pins, these pins can be
used as general-purpose I/O by setting XIOEN = 1. These pins are placed into the high-impedance state
when OFF is low.
A_BFSR0
B_BFSR0
A_BFSR1
B_BFSR1
A_BFSR2
B_BFSR2
I/O/Z
Frame synchronization pin for buffered serial-port input data. The BFSR pulse initiates the receive-data
process over the BDR pin. When not being used as data-receive synchronization pins, these pins can
be used as general-purpose I/O by setting RIOEN = 1. These pins are placed into the high-impedance
state when OFF is low.
A_BFSX0
B_BFSX0
A_BFSX1
B_BFSX1
A_BFSX2
B_BFSX2
I/O/Z
Buffered serial-port frame synchronization pin for transmitting data. The BFSX pulse initiates the
transmit-data process over the BDX pin. If RS is asserted when BFSX is configured as output, then
BFSX is turned into input mode by the reset operation. When not being used as data-transmit
synchronization pins, these pins can be used as general-purpose I/O by setting XIOEN = 1. These pins
are placed into the high-impedance state when OFF is low.
HOST-PORT INTERFACE (HPI) SIGNALS
PRIMARY
HA[17:0]
I
PPA[17:0]
O
These pins are multiplexed with the external interface pins and are used by the
HPI when the subsystem is in HPI mode (XIO = 0, MP/MC = 0).
See the PPA signal descriptions. These pins are placed into the high-impedance
state when OFF is low.
† I = Input, O = Output, S = Supply, Z = High Impedance
‡ This pin has an internal pullup resistor.
§ These pins are Schmitt triggered inputs.
¶ This pin has an internal bus holder controlled by way of the BSCR register in 54x cLEAD core of DSP subsystem A .
# This pin is used by Texas Instruments for device testing and should be left unconnected.
|| This pin has an internal pulldown resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com