Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 38 Page - Texas Instruments

Part # TMS320VC5421
Description  DIGITAL SIGNAL PROCESSOR
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5421 Datasheet(HTML) 38 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 34Page - Texas Instruments TMS320VC5421 Datasheet HTML 35Page - Texas Instruments TMS320VC5421 Datasheet HTML 36Page - Texas Instruments TMS320VC5421 Datasheet HTML 37Page - Texas Instruments TMS320VC5421 Datasheet HTML 38Page - Texas Instruments TMS320VC5421 Datasheet HTML 39Page - Texas Instruments TMS320VC5421 Datasheet HTML 40Page - Texas Instruments TMS320VC5421 Datasheet HTML 41Page - Texas Instruments TMS320VC5421 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 88 page
background image
TMS320VC5421
DIGITAL SIGNAL PROCESSOR
SPRS098 – DECEMBER 1999
38
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
general-purpose I/O (continued)
GPIO2 is a special case where the logic level determines the operation of BIO-conditional instructions on the
CPU. GPIO2 is always mapped as a general-purpose I/O, but the BIO function exists when this pin is configured
as an input.
hardware timer
The ’54x devices feature a 16-bit timing circuit with a 4-bit prescaler. The timer counter decrements by one at
every CLKOUT cycle. Each time the counter decrements to zero, a timer interrupt is generated. The timer can
be stopped, restarted, reset, or disabled by specific status bits. The timer output pulse is driven on GPIO3 when
the TOUT bit is set to one in the general-purpose I/O control register. The device must be in HPI mode
(XIO = 0) to drive TOUT on the GPIO3 pin.
software-programmable phase-locked loop (PLL)
The clock generator provides clocks to the ’5421 device, and consists of a phase-locked loop (PLL) circuit. The
clock generator requires a reference clock input, which must be provided by using an external clock source. The
reference clock input is then divided by two (DIV mode) to generate clocks for the ’5421 device. Alternately, the
PLL circuit can be used (PLL mode) to generate the device clock by multiplying the reference clock frequency
by a scale factor, allowing use of a clock source with a lower frequency than that of the CPU. The PLL is an
adaptive circuit that, once synchronized, locks onto and tracks an input clock signal. When the PLL is initially
started, it enters a transitional mode during which the PLL acquires lock with the input signal. Once the PLL is
locked, it continues to track and maintain synchronization with the input signal. Then, other internal clock
circuitry allows the synthesis of new clock frequencies for use as master clock for the ’5421 device. Only
subsystem A controls the PLL. Subsystem B cannot access the PLL registers.
The software-programmable PLL features a high level of flexibility, and includes a clock scaler that provides
various clock multiplier ratios, capability to directly enable and disable the PLL, and a PLL lock timer that can
be used to delay switching to PLL clocking mode of the device until lock is achieved. Devices that have a built-in
software-programmable PLL can be configured in one of two clock modes:
D PLL mode. The input clock (CLKIN) is multiplied by 1 of 31 possible ratios. These ratios are achieved using
the PLL circuitry.
D DIV (divider) mode. The input clock is divided by 2 or 4. Note that when DIV mode is used, the PLL can be
completely disabled in order to minimize power dissipation.
The software-programmable PLL is controlled using the 16-bit memory-mapped (address 0058h) clock mode
register (CLKMD). The CLKMD register is used to define the clock configuration of the PLL clock module.
Figure 19 shows the bit layout of the clock mode register and Table 14 describes the bit functions.
15
12
11
10
3
2
1
0
PLLMUL†
PLLDIV†
PLLCOUNT†
PLLON/OFF†
PLLNDIV
STATUS
R/W
R/W
R/W
R/W
R/W
R/W
† When in DIV mode (PLLSTATUS is low), PLLMUL, PLLDIV, PLLCOUNT, and PLLON/OFF are don’t cares, and their contents are indeterminate.
LEGEND: R = Read, W = Write
Figure 19. Clock Mode Register (CLKMD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com