Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 48 Page - Texas Instruments

Part # TMS320VC5421
Description  DIGITAL SIGNAL PROCESSOR
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5421 Datasheet(HTML) 48 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 44Page - Texas Instruments TMS320VC5421 Datasheet HTML 45Page - Texas Instruments TMS320VC5421 Datasheet HTML 46Page - Texas Instruments TMS320VC5421 Datasheet HTML 47Page - Texas Instruments TMS320VC5421 Datasheet HTML 48Page - Texas Instruments TMS320VC5421 Datasheet HTML 49Page - Texas Instruments TMS320VC5421 Datasheet HTML 50Page - Texas Instruments TMS320VC5421 Datasheet HTML 51Page - Texas Instruments TMS320VC5421 Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 88 page
background image
TMS320VC5421
DIGITAL SIGNAL PROCESSOR
SPRS098 – DECEMBER 1999
48
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
interrupts (continued)
Table 23. Bit Functions for IMR and IFR Registers for Each DSP Subsystem
BIT
NO.
BIT
NAME
BIT
VALUE
FUNCTION
15
Reserved
X
Register bit is reserved.
14
IPINT
0
IFR/IMR: Interprocessor IRQ has no interrupt pending/is disabled (masked).
14
IPINT
1
IFR/IMR: Interprocessor IRQ has an interrupt pending/is enabled.
13
DMAC5
0
IFR/IMR: DMA Channel 5 has no interrupt pending/is disabled (masked).
13
DMAC5
1
IFR/IMR: DMA Channel 5 has an interrupt pending/is enabled.
12
DMAC4
0
IFR/IMR: DMA Channel 4 has no interrupt pending/is disabled (masked).
12
DMAC4
1
IFR/IMR: DMA Channel 4 has an interrupt pending/is enabled.
XINT1
0
IFR/IMR: McBSP_1 has no transmit interrupt pending/is disabled (masked).
11
XINT1
1
IFR/IMR: McBSP_1 has a transmit interrupt pending/is enabled.
11
DMAC3
0
IFR/IMR: DMA Channel 3 has no interrupt pending/is disabled (masked).
DMAC3
1
IFR/IMR: DMA Channel 3 has an interrupt pending/is enabled.
RINT1
0
IFR/IMR: McBSP_1 has no receive interrupt pending/is disabled (masked).
10
RINT1
1
IFR/IMR: McBSP_1 has a receive interrupt pending/is enabled.
10
DMAC2
0
IFR/IMR: DMA Channel 2 has no interrupt pending/is disabled (masked).
DMAC2
1
IFR/IMR: DMA Channel 2 has an interrupt pending/is enabled.
9
HPINT
0
IFR/IMR: Host-port interface has no DSPINT interrupt pending/is disabled (masked).
9
HPINT
1
IFR/IMR: Host-port interface has an DSPINT interrupt pending/is enabled.
8
Reserved
X
Register bit is reserved.
XINT2
0
IFR/IMR: McBSP_2 has no transmit interrupt pending/is disabled (masked).
7
XINT2
1
IFR/IMR: McBSP_2 has a transmit interrupt pending/is enabled.
7
DMAC1
0
IFR/IMR: DMA Channel 1 has no interrupt pending/is disabled (masked).
DMAC1
1
IFR/IMR: DMA Channel 1 has an interrupt pending/is enabled.
RINT2
0
IFR/IMR: McBSP_2 has no receive interrupt pending/is disabled (masked).
6
RINT2
1
IFR/IMR: McBSP_2 has a receive interrupt pending/is enabled.
6
DMAC0
0
IFR/IMR: DMA Channel 0 has no interrupt pending/is disabled (masked).
DMAC0
1
IFR/IMR: DMA Channel 0 has an interrupt pending/is enabled.
5
XINT0
0
IFR/IMR: McBSP_0 has no receive interrupt pending/is disabled (masked).
5
XINT0
1
IFR/IMR: McBSP_0 has a receive interrupt pending/is enabled.
4
RINT0
0
IFR/IMR: McBSP_0 has no receive interrupt pending/is disabled (masked).
4
RINT0
1
IFR/IMR: McBSP_0 has a receive interrupt pending/is enabled.
3
TINT
0
IFR/IMR: Timer has no interrupt pending/is disabled (masked).
3
TINT
1
IFR/IMR: Timer has an interrupt pending/is enabled.
2
Reserved
X
Register bit is reserved.
1
INT1
0
IFR/IMR: Ext user interrupt pin 1 has no interrupt pending/is disabled (masked).
1
INT1
1
IFR/IMR: Ext user interrupt pin 1 has an interrupt pending/is enabled.
0
INT0
0
IFR/IMR: Ext user interrupt pin 0 has no interrupt pending/is disabled (masked).
0
INT0
1
IFR/IMR: Ext user interrupt pin 0 has an interrupt pending/is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com