Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMS320VC5421
Description  DIGITAL SIGNAL PROCESSOR
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5421 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 7Page - Texas Instruments TMS320VC5421 Datasheet HTML 8Page - Texas Instruments TMS320VC5421 Datasheet HTML 9Page - Texas Instruments TMS320VC5421 Datasheet HTML 10Page - Texas Instruments TMS320VC5421 Datasheet HTML 11Page - Texas Instruments TMS320VC5421 Datasheet HTML 12Page - Texas Instruments TMS320VC5421 Datasheet HTML 13Page - Texas Instruments TMS320VC5421 Datasheet HTML 14Page - Texas Instruments TMS320VC5421 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 88 page
background image
TMS320VC5421
DIGITAL SIGNAL PROCESSOR
SPRS098 – DECEMBER 1999
11
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Signal Descriptions (Continued)
NAME
DESCRIPTION
TYPE†
MEMORY CONTROL SIGNALS (CONTINUED)
READY
I
Data-ready input signal. READY indicates that the external device is prepared for a bus transaction to
be completed. If the device is not ready (READY = 0), the processor waits one cycle and checks READY
again. The processor performs the READY detection if at least two software wait states are
programmed.
This pin is also multiplexed with the HPI, and functions as the host-port data ready (output) in HPI mode.
Refer to the HPI section of this table for details on the secondary function of this pin.
R/W
O/Z
Read/write output signal. R/W indicates transfer direction during communication to an external device.
R/W is normally in the read mode (high), unless it is asserted low when the DSP performs a write
operation.
This pin is also multiplexed with the HPI, and functions as the host-port read/write input in HPI mode.
Refer to the HPI section of this table for details on the secondary function of this pin.
This pin is placed into the high-impedance state when OFF is low.
IOSTRB
O/Z
I/O space memory strobe. External I/O space is accessible by the CPU and not the direct memory
access (DMA) controller. The DMA has its own dedicated I/O space that is not accessible by the CPU.
This pin is also multiplexed with the general-purpose I/O feature, and functions as the A_GPIO3
(A_TOUT) signal in HPI mode. Refer to the General Purpose I/O section of this table for details on the
secondary function of this pin.
This pin is placed into the high-impedance state when OFF is low.
PRIMARY
PPA18
O/Z
SELA/B
I
For HPI access (XIO=0), SELA/B is an input.
See Table 3 for a truth table of SELA/B, HMODE, and XIO pins and functionality.
For external memory accesses (XIO=1), SELA/B is multiplexed as output PPA18.
See the PPA signal descriptions. These pins are placed into the high-impedance
state when OFF is low.
HOLD‡
I
Hold. HOLD is asserted to request control of the address, data, and control lines. When
acknowledged, these lines go into the high-impedance state.
HOLDA
O/Z
Hold acknowledge. HOLDA indicates to the external circuitry that the processor is in a hold state and
that the address, data, and control lines are in the high-impedance state, allowing them to be available
to the external circuitry. HOLDA also goes into the high-impedance state when OFF is low.
CLOCKING SIGNALS
A_CLKOUT
B_CLKOUT
O/Z
Master clock output signal. CLKOUT cycles at the machine-cycle rate of the CPU. The internal machine
cycle is bounded by the falling edges of this signal. The CLKOUT pin can be turned off by writing a “1”
to the CLKOFF bit of the PMST register. CLKOUT goes into the high-impedance state when EMU1/OFF
is low.
CLKIN§
I
Input clock to the device. CLKIN connects to an oscillator circuit/device (PLL).
† I = Input, O = Output, S = Supply, Z = High Impedance
‡ This pin has an internal pullup resistor.
§ These pins are Schmitt triggered inputs.
¶ This pin has an internal bus holder controlled by way of the BSCR register in 54x cLEAD core of DSP subsystem A .
# This pin is used by Texas Instruments for device testing and should be left unconnected.
|| This pin has an internal pulldown resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com