Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 14 Page - Texas Instruments

Part # TMS320VC5421
Description  DIGITAL SIGNAL PROCESSOR
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5421 Datasheet(HTML) 14 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 10Page - Texas Instruments TMS320VC5421 Datasheet HTML 11Page - Texas Instruments TMS320VC5421 Datasheet HTML 12Page - Texas Instruments TMS320VC5421 Datasheet HTML 13Page - Texas Instruments TMS320VC5421 Datasheet HTML 14Page - Texas Instruments TMS320VC5421 Datasheet HTML 15Page - Texas Instruments TMS320VC5421 Datasheet HTML 16Page - Texas Instruments TMS320VC5421 Datasheet HTML 17Page - Texas Instruments TMS320VC5421 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 88 page
background image
TMS320VC5421
DIGITAL SIGNAL PROCESSOR
SPRS098 – DECEMBER 1999
14
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
Signal Descriptions (Continued)
NAME
DESCRIPTION
TYPE†
HOST-PORT INTERFACE (HPI) SIGNALS (CONTINUED)
PRIMARY
A_HINT
B_HINT
O/Z
PPA0
PPA1
O/Z
Host interrupt pin. HPI can interrupt the host by asserting this low. The host can
clear this interrupt by writing a “1” to the HINT bit of the HPIC register. Only
supported in HPI multiplexed address/data mode (HMODE pin is low). These pins
are placed into the high-impedance state when OFF is low.
HPIRS§
I
Host-port interface (HPI) reset pin. This signal resets the host port interface and both subsystems.
HMODE
I
Host mode select. When this pin is low, it selects the HPI multiplexed address/data mode. The
multiplexed address/data mode allows hosts with multiplexed address/data lines access to the HPI
registers HPIC, HPIA, and HPID. Host-to-DSP and DSP-to-host interrupts are supported in this mode.
When HMODE is high, it selects the HPI nonmultiplexed mode. HPI nonmultiplexed mode allows hosts
with separate address/data buses to access the HPI address range by way of the 18-bit address bus
and the HPI data (HPID) register via the 16-bit data bus. Host-to-DSP and DSP-to-host interrupts are
not supported in this mode.
SUPPLY PINS
AVDD
S
Dedicated power supply that powers the PLL. AVDD = 1.8 V. AVDD can be connected to CVDD.
CVDD
S
Dedicated “clean” power supply that powers the core CPUs. CVDD = 1.8 V
DVDD
S
Dedicated “dirty” power supply that powers the I/O pins. DVDD = 3.3 V
VSS
S
Digital ground. Dedicated ground plane for the device.
VSSA
S
Analog ground. Dedicated ground for the PLL. VSSA can be connected to VSS if digital and analog
grounds are not separated.
TEST PIN
TEST#
No connection
EMULATION/TEST PINS
TCK‡§
I
Standard test clock. This is normally a free-running clock signal with a 50% duty cycle. Changes on the
test access port (TAP) of input signals TMS and TDI are clocked into the TAP controller, instruction
register, or selected test-data register on the rising edge of TCK. Changes at the TAP output signal (TDO)
occur on the falling edge of TCK.
TDI‡
I
Test data input. Pin with an internal pullup device. TDI is clocked into the selected register (instruction
or data) on a rising edge of TCK.
TDO
O/Z
Test data pin. The contents of the selected register is shifted out of TDO on the falling edge of TCK.
TDO is in high-impedance state except when the scanning of data is in progress. These pins are
placed into high-impedance state when OFF is low.
TMS‡
I
Test mode select. Pin with internal pullup device. This serial control input is clocked into the TAP
controller on the rising edge of TCK.
TRST||
I
Test reset. When high, TRST gives the scan system control of the operations of the device. If TRST is
driven low, the device operates in its functional mode and the IEEE 1149.1 signals are ignored. Pin with
internal pulldown device.
† I = Input, O = Output, S = Supply, Z = High Impedance
‡ This pin has an internal pullup resistor.
§ These pins are Schmitt triggered inputs.
¶ This pin has an internal bus holder controlled by way of the BSCR register in 54x cLEAD core of DSP subsystem A .
# This pin is used by Texas Instruments for device testing and should be left unconnected.
|| This pin has an internal pulldown resistor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com