Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS320VC5421
Description  DIGITAL SIGNAL PROCESSOR
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5421 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 35Page - Texas Instruments TMS320VC5421 Datasheet HTML 36Page - Texas Instruments TMS320VC5421 Datasheet HTML 37Page - Texas Instruments TMS320VC5421 Datasheet HTML 38Page - Texas Instruments TMS320VC5421 Datasheet HTML 39Page - Texas Instruments TMS320VC5421 Datasheet HTML 40Page - Texas Instruments TMS320VC5421 Datasheet HTML 41Page - Texas Instruments TMS320VC5421 Datasheet HTML 42Page - Texas Instruments TMS320VC5421 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 88 page
background image
TMS320VC5421
DIGITAL SIGNAL PROCESSOR
SPRS098 – DECEMBER 1999
39
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
software-programmable phase-locked loop (PLL) (continued)
Table 14. Clock Mode Register (CLKMD) Bit Functions
BIT
NO.
BIT
NAME
FUNCTION
15–12
PLLMUL†
PLL multiplier. PLLMUL defines the frequency multiplier in conjunction with PLLDIV and PLLNDIV. See Table 15.
PLL divider. PLLDIV defines the frequency multiplier in conjunction with PLLMUL and PLLNDIV. See Table 15.
11
PLLDIV†
PLLDIV = 0
Means that an integer multiply factor is used
11
PLLDIV†
PLLDIV = 1
Means that a noninteger multiply factor is used
10–3
PLLCOUNT†
PLL counter value. PLLCOUNT specifies the number of input clock cycles (in increments of16 cycles) for the
PLL lock timer to count before the PLL begins clocking the processor after the PLL is started. The PLL counter
is a down-counter, which is driven by the input clock divided by 16; therefore, for every 16 input clocks, the PLL
counter decrements by one.
The PLL counter can be used to ensure that the processor is not clocked until the PLL is locked, so that only valid
clock signals are sent to the device.
2
PLLON/OFF†
PLL on/off. PLLON/OFF enables or disables the PLL part of the clock generator in conjunction with the PLLNDIV
bit (see Table 16). Note that PLLON/OFF and PLLNDIV can both force the PLL to run; when PLLON/OFF is high,
the PLL runs independently of the state of PLLNDIV.
1
PLLNDIV
PLLNDIV configures PLL mode when high or DIV mode when low. PLLNDIV defines the frequency multiplier in
conjunction with PLLDIV and PLLMUL. See Table 15.
Indicates the PLL mode.
0
STATUS
STATUS = 0
Indicates DIV mode
0
STATUS
STATUS = 1
Indicates PLL mode
† When in DIV mode (PLLSTATUS is low), PLLMUL, PLLDIV, PLLCOUNT, and PLLON/OFF are don’t cares, and their contents are indeterminate.
Table 15. Multiplier Related to PLLNDIV, PLLDIV, and PLLMUL
PLLNDIV
PLLDIV
PLLMUL
MULTIPLIER‡
0
x
0–14
0.5
0
x
15
0.25
1
0
0–14
PLLMUL + 1
1
0
15
bypass (multiply by 1)§
1
1
0 or even
(PLLMUL + 1)/2
1
1
odd
PLLMUL/4
‡ CLKOUT = CLKIN * Multiplier
§ Indicates the default clock mode after reset
Table 16. VCO Truth Table
PLLON/OFF
PLLNDIV
VCO STATE
0
0
off
1
0
on
0
1
on
1
1
on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com