Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 79 Page - Texas Instruments

Part # TMS320VC5421
Description  DIGITAL SIGNAL PROCESSOR
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5421 Datasheet(HTML) 79 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 75Page - Texas Instruments TMS320VC5421 Datasheet HTML 76Page - Texas Instruments TMS320VC5421 Datasheet HTML 77Page - Texas Instruments TMS320VC5421 Datasheet HTML 78Page - Texas Instruments TMS320VC5421 Datasheet HTML 79Page - Texas Instruments TMS320VC5421 Datasheet HTML 80Page - Texas Instruments TMS320VC5421 Datasheet HTML 81Page - Texas Instruments TMS320VC5421 Datasheet HTML 82Page - Texas Instruments TMS320VC5421 Datasheet HTML 83Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 88 page
background image
TMS320VC5421
DIGITAL SIGNAL PROCESSOR
SPRS098 – DECEMBER 1999
79
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
HPI16 timing (continued)
timing requirements [H = 0.5tc(CO)] (see Figure 46 and Figure 53)
MIN
MAX
UNIT
tsu(HBV-DSL)
Setup time, HAD valid before DS falling edge†‡
5
ns
th(DSL-HBV)
Hold time, HAD valid after DS falling edge†‡
5
ns
tsu(HBV-HSL)
Setup time, HAD valid before HAS falling edge†
5
ns
th(HSL-HBV)
Hold time, HAD valid after HAS falling edge†
5
ns
tsu(HAV-DSH)
Setup time, address valid before DS rising edge (nonmultiplexed write)
5
ns
tsu(HAV-DSL)
Setup time, address valid before DS falling edge (nonmultiplexed mode)‡
–4H – 5
ns
th(DSH-HAV)
Hold time, address valid after DS rising edge (nonmultiplexed mode)‡
1
ns
tsu(HSL-DSL)
Setup time, HAS low before DS falling edge‡
5
ns
th(HSL-DSL)
Hold time, HAS low after DS falling edge‡
2
ns
tw(DSL)
Pulse duration, DS low‡
30
ns
tw(DSH)
Pulse duration, DS high‡
10
ns
Nonmultiplexed or multiplexed mode
Reads
12H
ns
Nonmulti lexed or multi lexed mode
(no increment) with no DMA activity.
Writes
14H
ns
Cycle time, DS rising edge to next DS
Nonmultiplexed or multiplexed mode
Reads
18H
ns
Cycle time, DS rising edge to next DS
rising edge‡
Nonmulti lexed or multi lexed mode
(no increment) with 16-bit DMA activity.
Writes
20H
gg
Nonmultiplexed or multiplexed mode
Reads
26H
ns
Nonmulti lexed or multi lexed mode
(no increment) with 32-bit DMA activity.
Writes
28H
tc(DSH-DSH)
Cycle time, DS rising edge to next DS
rising edge‡
Multiplexed (autoincrement) with no DMA
activity.
12H
ns
rising edge‡
(In
autoincrement
mode,
WRITE
Multiplexed (autoincrement) with 16-bit DMA
activity.
18H
ns
(
au o c e e
ode,
timings are the same as READ
timings.)
Multiplexed (autoincrement) with 32-bit DMA
activity.
26H
ns
Cycle time, DS rising edge to next DS rising edge writes to DSPINT and HINT
8H
ns
tsu(HDV-DSH)
Setup time, HD valid before DS rising edge‡
10
ns
th(DSH-HDV)W
Hold time, HD valid after DS rising edge, write‡
0
ns
tsu(SELV-DSL)
Setup time, SELA/B valid before DS falling edge‡
5
ns
th(DSH-SELV)
Hold time, SELA/B valid after DS rising edge‡
0
ns
† HAD stands for HCNTL0, HCNTL1, and HR/W.
‡ DS refers to the logical OR of HCS and HDS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com