Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 29 Page - Texas Instruments

Part # TMS320VC5421
Description  DIGITAL SIGNAL PROCESSOR
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5421 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 25Page - Texas Instruments TMS320VC5421 Datasheet HTML 26Page - Texas Instruments TMS320VC5421 Datasheet HTML 27Page - Texas Instruments TMS320VC5421 Datasheet HTML 28Page - Texas Instruments TMS320VC5421 Datasheet HTML 29Page - Texas Instruments TMS320VC5421 Datasheet HTML 30Page - Texas Instruments TMS320VC5421 Datasheet HTML 31Page - Texas Instruments TMS320VC5421 Datasheet HTML 32Page - Texas Instruments TMS320VC5421 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 88 page
background image
TMS320VC5421
DIGITAL SIGNAL PROCESSOR
SPRS098 – DECEMBER 1999
29
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
multichannel buffered serial port (McBSP) (continued)
D In the second mode, with RMCME = 1 and XMCME = 1, the McBSPs have 128 channel selection capability.
Twelve new registers (RCERCx–RCERHx and XCERCx–XCERHx) are used to enable the 128 channel
selection. The subadresses of the new registers are shown in Table 20. These new registers, functionally
equivalent to the RCERA0–RCERB1 and XCERA0–XCERB1 registers in the ’5420, are used to
enable/disable the transmit and receive of additional channel partitions (C,D,E,F,G, and H) in the
128 channel stream. For example, XCERH1 is the transmit enable for channel partition H (channels 112
to 127) of MCBSP1 for each DSP subsystem. See Figure 11, Table 8, Figure 12, and Table 9 for bit layout
and function of the receive and transmit registers .
15
14
13
12
11
10
9
8
RCERyz15
RCERyz14
RCERyz13
RCERyz12
RCERyz11
RCERyz10
RCERyz9
RCERyz8
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
765
43210
RCERyz7
RCERyz6
RCERyz5
RCERy4
RCERyz3
RCERyz2
RCERyz1
RCERyz0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
RW,+0
Note:
R = Read, W = Write, +0 = Value at reset; y = Partition A,B,C,D,E,F,G, or H; z = McBSP 0,1, or 2
Figure 11. Receive Channel Enable Registers Bit Layout for Partitions A to H
Table 8. Receive Channel Enable Registers for Partitions A to H
Bit
Name
Function
15–0
RCERyz(15:0)
Receive Channel Enable Register
RCERyz
n =0
Disables reception of
nth channel in partition y.
RCERyz
n =1
Enables reception of
nth channel in partition y.
Note:
y = Partition A,B,C,D,E,F,G, or H; z = McBSP 0,1, or 2; n = bit 15–0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com