Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMS320VC5421 Datasheet(PDF) 24 Page - Texas Instruments

Part # TMS320VC5421
Description  DIGITAL SIGNAL PROCESSOR
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5421 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TMS320VC5421 Datasheet HTML 20Page - Texas Instruments TMS320VC5421 Datasheet HTML 21Page - Texas Instruments TMS320VC5421 Datasheet HTML 22Page - Texas Instruments TMS320VC5421 Datasheet HTML 23Page - Texas Instruments TMS320VC5421 Datasheet HTML 24Page - Texas Instruments TMS320VC5421 Datasheet HTML 25Page - Texas Instruments TMS320VC5421 Datasheet HTML 26Page - Texas Instruments TMS320VC5421 Datasheet HTML 27Page - Texas Instruments TMS320VC5421 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 88 page
background image
TMS320VC5421
DIGITAL SIGNAL PROCESSOR
SPRS098 – DECEMBER 1999
24
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
16-bit bidirectional host-port interface (HPI16)
HPI16 memory map
The HPI16 is an enhanced 16-bit version of the ’C54x 8-bit host-port interface (HPI). The HPI16 is designed
to allow a 16-bit host to access the DSP on-chip memory, with the host acting as the master of the interface.
Figure 6 illustrates the available memory accessible by the HPI. Neither the CPU nor DMA I/O spaces can be
accessed using the host-port interface.
Page 0
McBSP
DXR/DRR
MMRegs Only
On-Chip
DARAM A
(32K Words)
Prog/Data
On-Chip
SARAM A
(32K Words)
Data Only
Hex
00 0000
00 001F
00 0020
00 005F
00 0060
00 7FFF
00 8000
00 FFFF
Page 1
On-Chip
Shared
DARAM 0
(32K Words)
Program Only
On-Chip
Shared
DARAM 1
(32K Words)
Program Only
Hex
01 0000
01 7FFF
01 8000
01 FFFF
Page 2
On-Chip
DARAM B
(32K Words)
Prog/Data
On-Chip
SARAM B
(32K Words)
Data Only
Hex
02 0000
02 7FFF
02 8000
02 FFFF
Page 3
On-Chip
Shared
DARAM 2
(32K Words)
Program Only
On-Chip
Shared
DARAM 3
(32K Words)
Program Only
Hex
03 0000
03 7FFF
03 8000
03 FFFF
02 005F
02 0060
McBSP
DXR/DRR
MMRegs Only
Subsystem A
Shared 0
Subsystem B
Subsystem B
Subsystem A
Shared 2
Shared 1
Shared 3
02 001F
02 0020
Reserved
Reserved
NOTES: A. All local memory is available to the HPI
B. The encoder maps CPU A Data Page 0 into the HPI Page 0. CPU B Data Page 0 is mapped into the HPI Page 2. Pages 1 and 3
are the on-chip shared program memory.
C. In pages 00 and 02, in the range of 0020–005F, only the following memory mapped registers are accessible: 20,21,30,31,40,41 (read
only), 22,23,32,33,42,43 (write only).
Figure 6. Memory Map Relative to Host-Port Interface HPI16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com